Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS4990IST Datasheet(PDF) 14 Page - STMicroelectronics

Part # TS4990IST
Description  1.2 W audio power amplifier with active low standby mode
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS4990IST Datasheet(HTML) 14 Page - STMicroelectronics

Back Button TS4990IST Datasheet HTML 10Page - STMicroelectronics TS4990IST Datasheet HTML 11Page - STMicroelectronics TS4990IST Datasheet HTML 12Page - STMicroelectronics TS4990IST Datasheet HTML 13Page - STMicroelectronics TS4990IST Datasheet HTML 14Page - STMicroelectronics TS4990IST Datasheet HTML 15Page - STMicroelectronics TS4990IST Datasheet HTML 16Page - STMicroelectronics TS4990IST Datasheet HTML 17Page - STMicroelectronics TS4990IST Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 32 page
background image
Electrical characteristics
TS4990
14/32
Figure 38.
Current consumption vs. standby
voltage @ VCC = 5V
Figure 39.
Current consumption vs. standby
voltage @ VCC = 2.6V
012
345
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
Vcc = 5V
No load
Tamb=25
°C
Standby Voltage (V)
0.0
0.5
1.0
1.5
2.0
2.5
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
Vcc = 2.6V
No load
Tamb=25
°C
Standby Voltage (V)
Figure 40.
THD + N vs. output power
Figure 41.
Current consumption vs. standby
voltage @ VCC = 3.3V
1E-3
0.01
0.1
1
0.1
1
10
Vcc=5V
Vcc=3.3V
Vcc=2.6V
Vcc=2.2V
RL = 4
Ω
F = 20Hz
Av = 2
Cb = 1
μF
BW < 125kHz
Tamb = 25
°C
Output Power (W)
0.0
0.5
1.0
1.5
2.0
2.5
3.0
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
Vcc = 3.3V
No load
Tamb=25
°C
Standby Voltage (V)
Figure 42.
Current consumption vs. standby
voltage @ VCC = 2.2V
Figure 43.
THD + N vs. output power
0.0
0.5
1.0
1.5
2.0
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
Vcc = 2.2V
No load
Tamb=25
°C
Standby Voltage (V)
1E-3
0.01
0.1
1
0.01
0.1
1
10
Vcc=5V
Vcc=3.3V
Vcc=2.6V
Vcc=2.2V
RL = 8
Ω
F = 20Hz
Av = 2
Cb = 1
μF
BW < 125kHz
Tamb = 25
°C
Output Power (W)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com