Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS4990IQT Datasheet(PDF) 13 Page - STMicroelectronics

Part # TS4990IQT
Description  1.2 W audio power amplifier with active low standby mode
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS4990IQT Datasheet(HTML) 13 Page - STMicroelectronics

Back Button TS4990IQT Datasheet HTML 9Page - STMicroelectronics TS4990IQT Datasheet HTML 10Page - STMicroelectronics TS4990IQT Datasheet HTML 11Page - STMicroelectronics TS4990IQT Datasheet HTML 12Page - STMicroelectronics TS4990IQT Datasheet HTML 13Page - STMicroelectronics TS4990IQT Datasheet HTML 14Page - STMicroelectronics TS4990IQT Datasheet HTML 15Page - STMicroelectronics TS4990IQT Datasheet HTML 16Page - STMicroelectronics TS4990IQT Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 32 page
background image
TS4990
Electrical characteristics
13/32
Figure 32.
Power dissipation vs. Pout
Figure 33.
Power derating curves
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.0
0.1
0.2
0.3
0.4
0.5
0.6
RL=4
Ω
RL=8
Ω
Vcc=3.3V
F=1kHz
THD+N<1%
RL=16
Ω
Output Power (W)
0
25
50
75
100
125
150
0.0
0.2
0.4
0.6
0.8
1.0
1.2
No Heat sink
Heat sink surface
≈ 100mm
2
(See demoboard)
Ambiant Temperature ( C)
Figure 34.
Clipping voltage vs. power supply
voltage and load resistor
Figure 35.
Power dissipation vs. Pout
2.5
3.0
3.5
4.0
4.5
5.0
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
Tamb = 25
°C
RL = 16
Ω
RL = 8
Ω
RL = 4
Ω
Power supply Voltage (V)
0.0
0.1
0.2
0.3
0.4
0.00
0.05
0.10
0.15
0.20
0.25
0.30
0.35
0.40
RL=4
Ω
RL=8
Ω
Vcc=2.6V
F=1kHz
THD+N<1%
RL=16
Ω
Output Power (W)
Figure 36.
Clipping voltage vs. power supply
voltage and load resistor
Figure 37.
Current consumption vs. power
supply voltage
2.5
3.0
3.5
4.0
4.5
5.0
0.0
0.1
0.2
0.3
0.4
0.5
0.6
Tamb = 25
°C
RL = 16
Ω
RL = 8
Ω
RL = 4
Ω
Power supply Voltage (V)
012
345
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
No load
Tamb=25
°C
Power Supply Voltage (V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com