Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS4990IQT Datasheet(PDF) 30 Page - STMicroelectronics

Part # TS4990IQT
Description  1.2 W audio power amplifier with active low standby mode
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS4990IQT Datasheet(HTML) 30 Page - STMicroelectronics

Back Button TS4990IQT Datasheet HTML 24Page - STMicroelectronics TS4990IQT Datasheet HTML 25Page - STMicroelectronics TS4990IQT Datasheet HTML 26Page - STMicroelectronics TS4990IQT Datasheet HTML 27Page - STMicroelectronics TS4990IQT Datasheet HTML 28Page - STMicroelectronics TS4990IQT Datasheet HTML 29Page - STMicroelectronics TS4990IQT Datasheet HTML 30Page - STMicroelectronics TS4990IQT Datasheet HTML 31Page - STMicroelectronics TS4990IQT Datasheet HTML 32Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 30 / 32 page
background image
Ordering information
TS4990
30/32
6
Ordering information
Table 11.
Order codes
Order code
Temperature
range
Package
Packing
Marking
TS4990IJT
TS4990EIJT(1)
1.
Lead-free Flip chip part number.
-40°C, +85°C
Flip chip, 9 bumps
Tape & reel
90
TSDC05IJT
TSDC05EIJT(2)
2.
Lead free daisy chain part number.
Flip chip, 9 bumps
Tape & reel
DC3
TS4990IST
MiniSO-8
Tape & reel
K990
TS4990IQT
DFN8
Tape & reel
K990
TS4990EKIJT
FC + back coating
Tape & reel
90
TS4990ID
TS4990IDT
SO-8
Tube or
Tape & reel
TS4990I



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com