Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS4990IQT Datasheet(PDF) 21 Page - STMicroelectronics

Part # TS4990IQT
Description  1.2 W audio power amplifier with active low standby mode
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS4990IQT Datasheet(HTML) 21 Page - STMicroelectronics

Back Button TS4990IQT Datasheet HTML 17Page - STMicroelectronics TS4990IQT Datasheet HTML 18Page - STMicroelectronics TS4990IQT Datasheet HTML 19Page - STMicroelectronics TS4990IQT Datasheet HTML 20Page - STMicroelectronics TS4990IQT Datasheet HTML 21Page - STMicroelectronics TS4990IQT Datasheet HTML 22Page - STMicroelectronics TS4990IQT Datasheet HTML 23Page - STMicroelectronics TS4990IQT Datasheet HTML 24Page - STMicroelectronics TS4990IQT Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 32 page
background image
TS4990
Application information
21/32
4.6
Wake-up time (tWU)
When the standby is released to put the device ON, the bypass capacitor Cb is not charged
immediately. Because Cb is directly linked to the bias of the amplifier, the bias will not work
properly until the Cb voltage is correct. The time to reach this voltage is called wake-up time
or tWU and specified in the electrical characteristics tables with Cb =1µF.
If Cb has a value other than 1 µF, refer to the graph in Figure 61 to establish the wake-up
time.
Figure 61.
Typical wake-up time vs. Cb
Due to process tolerances, the maximum value of wake-up time is shown in Figure 62.
Figure 62.
Maximum wake-up time vs. Cb
Note:
The bypass capacitor Cb also has a typical tolerance of +/-20%. To calculate the wake-up
time with this tolerance, refer to the graph above (considering for example for Cb=1 µF in the
range of 0.8 µF
≤Cb≤1.2 µF).
4.7
Standby time
When the standby command is set, the time required to put the two output stages in high
impedance and the internal circuitry in standby mode is a few microseconds. In standby
mode, the bypass pin and Vin pin are short-circuited to ground by internal switches. This
allows a quick discharge of Cb and Cin capacitors.
12
34
0
100
200
300
400
500
600
4.7
0.1
Tamb=25
°C
Vcc=2.6V
Vcc=3.3V
Vcc=5V
Bypass Capacitor Cb ( F)
12
34
0
100
200
300
400
500
600
Tamb=25
°C
4.7
0.1
Vcc=5V
Vcc=3.3V
Vcc=2.6V
Bypass Capacitor Cb ( F)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com