Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VN16B Datasheet(PDF) 6 Page - STMicroelectronics

Part # VN16B
Description  ISO HIGH SIDE SMART POWER SOLID STATE RELAY
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VN16B Datasheet(HTML) 6 Page - STMicroelectronics

Back Button VN16B Datasheet HTML 2Page - STMicroelectronics VN16B Datasheet HTML 3Page - STMicroelectronics VN16B Datasheet HTML 4Page - STMicroelectronics VN16B Datasheet HTML 5Page - STMicroelectronics VN16B Datasheet HTML 6Page - STMicroelectronics VN16B Datasheet HTML 7Page - STMicroelectronics VN16B Datasheet HTML 8Page - STMicroelectronics VN16B Datasheet HTML 9Page - STMicroelectronics VN16B Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
VN16B
6/14
Figure 7. Switching Time Waveforms
FUNCTIONAL DESCRIPTION
The device has a diagnostic output which
indicates open load in on-state, open load in off-
state, over temperature conditions and stuck-on to
VCC.
From the falling edge of the input signal, the status
output, initially low to signal a fault condition
(overtemperature or open load on-state), will go
back to a high state with a different delay in case
of overtemperature (tpovl) and in case of open load
(tpol)
respectively.
This
feature
allows
to
discriminate the nature of the detected fault. To
protect the device against short circuit and over
current condition, the thermal protection turns the
integrated Power MOS off at a minimum junction
temperature of 140 °C. When this temperature
returns to 125 °C the switch is automatically turned
on again. In short circuit the protection reacts with
virtually no delay, the sensor being located inside
the Power MOS area. An internal function of the
devices ensures the fast demagnetization of
inductive loads with a typical voltage (Vdemag) of
-18V. This function allows to greatly reduces the
power dissipation according to the formula:
Pdem = 0.5 • Lload • (Iload)
2 • [(VCC+Vdemag)/
Vdemag] • f
where f = switching frequency and
Vdemag = demagnetization voltage
The maximum inductance which causes the chip
temperature to reach the shut-down temperature
in a specified thermal environment is a function of
the load current for a fixed VCC, Vdemag and f
according to the above formula. In this device if the
GND pin is disconnected, with VCC not exceeding
16V, it will switch off.
PROTECTING THE DEVICE AGAINST
REVERSE BATTERY
The simplest way to protect the device against a
continuous reverse battery voltage (-26V) is to
insert a Schottky diode between pin 1(GND) and
ground, as shown in the typical application circuit
(Figure 10).
The consequences of the voltage drop across this
diode are as follows:
– If the input is pulled to power GND, a negative
voltage of -Vf is seen by the device. (VIL, VIH
thresholds and VSTAT are increased by Vf with
respect to power GND).
– The undervoltage shutdown level is increased
by Vf.
If there is no need for the control unit to handle
external analog signals referred to the power
GND, the best approach is to connect the
reference potential of the control unit to node [1]
(see application circuit in Figure 10), which
becomes the common signal GND for the whole
control board avoiding shift of VIH, VIL and VSTAT.
This solution allows the use of a standard diode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com