Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VN16B Datasheet(PDF) 11 Page - STMicroelectronics

Part # VN16B
Description  ISO HIGH SIDE SMART POWER SOLID STATE RELAY
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VN16B Datasheet(HTML) 11 Page - STMicroelectronics

Back Button VN16B Datasheet HTML 6Page - STMicroelectronics VN16B Datasheet HTML 7Page - STMicroelectronics VN16B Datasheet HTML 8Page - STMicroelectronics VN16B Datasheet HTML 9Page - STMicroelectronics VN16B Datasheet HTML 10Page - STMicroelectronics VN16B Datasheet HTML 11Page - STMicroelectronics VN16B Datasheet HTML 12Page - STMicroelectronics VN16B Datasheet HTML 13Page - STMicroelectronics VN16B Datasheet HTML 14Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
11/14
VN16B
Table 11. PENTAWATT (horizontal) Mechanical Data
Figure 13. PENTAWATT (horizontal) Package Dimensions
Note: Drawing is not to scale.
Symbol
millimeters
Min
Typ
Max
A
4.8
C
1.37
D2.4
2.8
D1
1.2
1.35
E0.35
0.55
F
0.8
1.05
F1
1
1.4
G3.2
3.4
3.6
G1
6.6
6.8
7
H2
10.4
H3
10.05
10.4
L
14.2
15
L1
5.7
6.2
L2
14.6
15.2
L3
3.5
4.1
L5
2.6
3
L6
15.1
15.8
L7
6
6.6
Dia.
3.65
3.85



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com