Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VN16B Datasheet(PDF) 4 Page - STMicroelectronics

Part # VN16B
Description  ISO HIGH SIDE SMART POWER SOLID STATE RELAY
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VN16B Datasheet(HTML) 4 Page - STMicroelectronics

  VN16B Datasheet HTML 1Page - STMicroelectronics VN16B Datasheet HTML 2Page - STMicroelectronics VN16B Datasheet HTML 3Page - STMicroelectronics VN16B Datasheet HTML 4Page - STMicroelectronics VN16B Datasheet HTML 5Page - STMicroelectronics VN16B Datasheet HTML 6Page - STMicroelectronics VN16B Datasheet HTML 7Page - STMicroelectronics VN16B Datasheet HTML 8Page - STMicroelectronics VN16B Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
VN16B
4/14
ELECTRICAL CHARACTERISTICS
(8 < VCC < 16 V; -40 ≤ Tj ≤ 125 °C unless otherwise specified)
Table 5. Power
Note: 3. Nominal current according to ISO definition for high side automotive switch The Nominal Current is the current at Tc = 85 °C for
battery voltage of 13V which produces a voltage drop of 0.5 V.
Table 6. Switching
Note: 4. See Switchig Time Waveforms.
Table 7. Logic Input
Note: 5. The VIH is internally clamped at 6V about. It is possible to connect this pin to an higher voltage via an external resistor calculated
to not exceed 10 mA at the input pin.
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VCC
Supply Voltage
6
13
26
V
In
(3)
Nominal Current
Tc = 85 °C VDS(on) ≤ 0.5; VCC = 13 V
5.6
8.8
A
Ron
On State Resistance
IOUT = In; VCC = 13 V; Tj = 25 °C
0.038
0.06
Ω
IS
Supply Current
Off State; VCC = 13 V; Tj ≥ 25 °C
25
50
µA
VDS(MAX)
Maximum Voltage Drop
IOUT = 20 A; VCC = 13 V; Tc = 85 °C
1
1.8
V
Ri
Output to GND Internal
Impedance
Tj = 25 °C
5
10
20
K
Ω
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
td(on)
(4)
Turn-on Delay Time Of
Output Current
Rload = 1.6 Ω
5
50
500
µs
tr
(4)
Rise Time Of Output
Current
Rload = 1.6 Ω
40
100
680
µs
td(off)
(4)
Turn-off Delay Time Of
Output Current
Rload = 1.6 Ω
10
100
500
µs
tf
(4)
Fall Time Of Output
Current
Rload = 1.6 Ω
40
100
680
µs
(di/dt)on
Turn-on Current Slope
Rload = 1.6 Ω; VCC = 13 V
0.008
0.1
A/µs
(di/dt)off
Turn-off Current Slope
Rload = 1.6 Ω; VCC = 13 V
0.008
0.1
A/µs
Vdemag
Inductive Load Clamp
Voltage
Rload = 1.6 Ω; L = 1 mH
–24
–18
–14
V
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VIL
Input Low Level Voltage
1.5
V
VIH
Input High Level Voltage
3.5
Note 5
V
VI(hyst)
Input Hysteresis Voltage
0.2
1
1.5
V
IIN
Input Current
VIN = 5 V; Tj = 25 °C
100
µA
VICL
Input Clamp Voltage
IIN = 10 mA
IIN = –10 mA
56
–0.7
7V
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com