Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6743B Datasheet(PDF) 6 Page - STMicroelectronics

Part # L6743B
Description  High current MOSFET driver
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6743B Datasheet(HTML) 6 Page - STMicroelectronics

Back Button L6743B Datasheet HTML 2Page - STMicroelectronics L6743B Datasheet HTML 3Page - STMicroelectronics L6743B Datasheet HTML 4Page - STMicroelectronics L6743B Datasheet HTML 5Page - STMicroelectronics L6743B Datasheet HTML 6Page - STMicroelectronics L6743B Datasheet HTML 7Page - STMicroelectronics L6743B Datasheet HTML 8Page - STMicroelectronics L6743B Datasheet HTML 9Page - STMicroelectronics L6743B Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
Electrical specifications
L6743B
6/16
4
Electrical specifications
4.1
Electrical characteristics
Table 4.
Electrical characteristics
(VCC = 12 V±15 %, TJ = 0 °C to 70 °C unless otherwise specified)
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
Supply current and power-on
ICC
VCC supply current
UGATE and LGATE = OPEN
BOOT = 12 V
5mA
IBOOT
BOOT supply current
UGATE = OPEN;
PHASE to GND; BOOT = 12 V
2mA
UVLOVCC
VCC turn-ON
VCC rising
4.1
V
VCC turn-OFF
VCC falling
3.5
V
PWM and EN input
PWM
Input high - VPWM_IH
PWM rising
2
V
Input low - VPWM_IL
PWM falling
0.8
V
Input leakage
PWM = 3.3 V
270
µA
PWM = 0 V
-360
µA
tHiZ
HiZ hold-off time
See Figure 4
150
ns
tprop_L
Propagation delays
See Figure 4
50
75
ns
tprop_H
30
45
ns
EN
Input high - VEN_IH
EN rising
2
V
Input low - VEN_IH
EN falling
0.8
V
Input resistance
to GND
15
k
Ω
Input leakage
EN = 3.3 V
220
µA
Gate drivers
RHIHS
HS source resistance
BOOT - PHASE = 12 V; 100 mA
2.3
2.8
Ω
IUGATE
HS source current (1)
1.
Parameter(s) guaranteed by designed, not fully tested in production
BOOT - PHASE = 12 V;
CUGATE to PHASE = 3.3 nF
2A
RLOHS
HS sink resistance
BOOT - PHASE = 12 V; 100 mA
2
2.5
Ω
RHILS
LS source resistance
100 mA
1.3
1.8
Ω
ILGATE
LS source current (1)
CLGATE to GND = 5.6 nF
3
A
RLOLS
LS sink resistance
100 mA
1
1.5
Ω
Protections
VPRE_OV
Pre-OV threshold
PHASE rising
1.8
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com