Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6743B Datasheet(PDF) 8 Page - STMicroelectronics

Part # L6743B
Description  High current MOSFET driver
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6743B Datasheet(HTML) 8 Page - STMicroelectronics

Back Button L6743B Datasheet HTML 4Page - STMicroelectronics L6743B Datasheet HTML 5Page - STMicroelectronics L6743B Datasheet HTML 6Page - STMicroelectronics L6743B Datasheet HTML 7Page - STMicroelectronics L6743B Datasheet HTML 8Page - STMicroelectronics L6743B Datasheet HTML 9Page - STMicroelectronics L6743B Datasheet HTML 10Page - STMicroelectronics L6743B Datasheet HTML 11Page - STMicroelectronics L6743B Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
Device description and operation
L6743B
8/16
5.1
High-impedance (HiZ) management
The driver is able to manage high-impedance state by keeping all MOSFETs in off state in
two different ways.
●
If the EN signal is pulled low, the device will keep all MOSFETs OFF careless of the
PWM status.
●
When EN is asserted, if the PWM signal remains in the HiZ window for a time longer
than the hold-off time, the device detects the HiZ condition so turning off all the
MOSFETs. The HiZ window is defined as the PWM voltage range comprised between
VPWM_IL and VPWM_IH.
The device exits from the HiZ state only after a PWM transition to logic zero (VPWM <
VPWM_IL).
See Figure 4 for details about HiZ timings.
The implementation of the high-impedance state allows the controller that will be connected
to the driver to manage high-impedance state of its output, avoiding to produce negative
undershoot on the regulated voltage during the shut-down stage. Furthermore, different
power management states may be managed such as pre-bias start-up.
5.2
Preliminary OV protection
After VCC has overcome its UVLO threshold and while in HiZ, L6743B activates the prelimi-
nary-OV protection.
The intent of this protection is to protect the load especially from high-side MOSFET failures
during the system start-up. In fact, VRM, and more in general PWM controllers, have a 12 V
bus compatible turn-on threshold and results to be non-operative if VCC is below that turn-
on thresholds (that results being in the range of about 10 V). In case of a high-side MOSFET
failure, the controller won’t recognize the over voltage until VCC = ~10 V (unless other spe-
cial features are implemented): but in that case the output voltage is already at the same
voltage (~10 V) and the load (CPU in most cases) already burnt.
L6743B by-pass the PWM controller by latching on the low-side MOSFET in case the
PHASE pin voltage overcome 2 V during the HiZ state. When the PWM input exits form the
HiZ window, the protection is reset and the control of the output voltage is transferred to the
controller connected to the PWM input.
Since the driver has its own UVLO threshold, a simple way to provide protection to the out-
put in all conditions when the device is OFF consists in supplying the controller through the
5 VSB bus: 5 VSB is always present before any other voltage and, in case of high-side short,
the low-side MOSFET is driven with 5 V assuring a reliable protection of the load.
Preliminary OV is active after UVLO and while the driver is in HiZ state and it is disabled
after the first PWM transition. The controller will have to manage its output voltage from that
time on.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com