Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6743B Datasheet(PDF) 1 Page - STMicroelectronics

Part # L6743B
Description  High current MOSFET driver
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6743B Datasheet(HTML) 1 Page - STMicroelectronics

  L6743B Datasheet HTML 1Page - STMicroelectronics L6743B Datasheet HTML 2Page - STMicroelectronics L6743B Datasheet HTML 3Page - STMicroelectronics L6743B Datasheet HTML 4Page - STMicroelectronics L6743B Datasheet HTML 5Page - STMicroelectronics L6743B Datasheet HTML 6Page - STMicroelectronics L6743B Datasheet HTML 7Page - STMicroelectronics L6743B Datasheet HTML 8Page - STMicroelectronics L6743B Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
June 2008
Rev 1
1/16
1
L6743B
High current MOSFET driver
Features
■ Dual MOSFET driver for synchronous rectified
converters
■ High driving current for fast external MOSFET
switching
■ Integrated bootstrap diode
■ High frequency operation
■ Enable pin
■ Adaptive dead-time management
■ Flexible gate-drive: 5 V to 12 V compatible
■ High-impedance (HiZ) management for output
stage shutdown
■ Preliminary OV protection
■ VFDFPN8 3 x 3 mm package
Applications
■ High current VRM / VRD for desktop / server /
workstation CPUs
■ High current and high efficiency DC / DC
converters
Description
L6743B is a flexible, high-frequency dual-driver
specifically designed to drive N-channel
MOSFETs connected in synchronous-rectified
buck topology.
Combined with ST PWM controllers, the driver
allows implementing complete voltage regulator
solutions for modern high-current CPUs and
DC-DC conversion in general. L6743B embeds
high-current drivers for both high-side and
low-side MOSFETs. The device accepts flexible
power supply (5 V to 12 V) to optimize the
gate-drive voltage for high-side and low-side
maximizing the system efficiency.
The bootstrap diode is embedded saving the use
of external diodes. Anti shoot-through
management avoids high-side and low-side
MOSFET to conduct simultaneously and,
combined with adaptive dead-time control,
minimizes the LS body diode conduction time.
L6743B embeds preliminary OV protection: after
Vcc overcomes the UVLO and while the device is
in HiZ, the LS MOSFET is turned ON to protect
the load in case the output voltage overcomes a
warning threshold protecting the output against
HS failures.
The driver is available is VFDFPN8 3 x 3 mm
packages.
VFDFPN8 3 x 3 mm
Table 1.
Device summary
Order code
Package
Packing
L6743B
VFDFPN8
Tube
L6743BTR
Tape and reel
www.st.com


Similar Part No. - L6743B

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L6743 STMICROELECTRONICS-L6743 Datasheet
317Kb / 17P
High current MOSFET driver
20-Aug-2007
L6743 STMICROELECTRONICS-L6743 Datasheet
354Kb / 17P
High current MOSFET driver
05-Jun-2008
L6743D STMICROELECTRONICS-L6743D Datasheet
423Kb / 16P
High current MOSFET driver
09-Dec-2008
L6743DTR STMICROELECTRONICS-L6743DTR Datasheet
423Kb / 16P
High current MOSFET driver
09-Dec-2008
L6743Q STMICROELECTRONICS-L6743Q Datasheet
317Kb / 17P
High current MOSFET driver
20-Aug-2007
More results

Similar Description - L6743B

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HV400MJ INTERSIL-HV400MJ Datasheet
131Kb / 11P
High Current MOSFET Driver
August 1997
logo
STMicroelectronics
L6743 STMICROELECTRONICS-L6743 Datasheet
317Kb / 17P
High current MOSFET driver
20-Aug-2007
L6741 STMICROELECTRONICS-L6741 Datasheet
301Kb / 16P
High current MOSFET driver
20-Aug-2007
L6743 STMICROELECTRONICS-L6743_08 Datasheet
354Kb / 17P
High current MOSFET driver
05-Jun-2008
logo
Harris Corporation
HV400 HARRIS-HV400 Datasheet
3Mb / 10P
High Current MOSFET Driver
HV400-MJ HARRIS-HV400-MJ Datasheet
3Mb / 10P
High Current MOSFET Driver
logo
STMicroelectronics
L6743D STMICROELECTRONICS-L6743D Datasheet
423Kb / 16P
High current MOSFET driver
09-Dec-2008
L6747ATR STMICROELECTRONICS-L6747ATR Datasheet
415Kb / 15P
High current MOSFET driver
24-Mar-2010
L6747C STMICROELECTRONICS-L6747C Datasheet
341Kb / 15P
High current MOSFET driver
23-Apr-2010
logo
ON Semiconductor
NCX57090Y ONSEMI-NCX57090Y_V01 Datasheet
1Mb / 25P
Isolated High Current IGBT/MOSFET Gate Driver
July, 2022 - Rev. 3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com