Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6910A Datasheet(PDF) 11 Page - STMicroelectronics

Part # L6910A
Description  ADJUSTABLE STEP DOWN CONTROLLER WITH SYNCHRONOUS RECTIFICATION
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6910A Datasheet(HTML) 11 Page - STMicroelectronics

Back Button L6910A Datasheet HTML 7Page - STMicroelectronics L6910A Datasheet HTML 8Page - STMicroelectronics L6910A Datasheet HTML 9Page - STMicroelectronics L6910A Datasheet HTML 10Page - STMicroelectronics L6910A Datasheet HTML 11Page - STMicroelectronics L6910A Datasheet HTML 12Page - STMicroelectronics L6910A Datasheet HTML 13Page - STMicroelectronics L6910A Datasheet HTML 14Page - STMicroelectronics L6910A Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 29 page
background image
11/29
L6910 - L6910A
Figure 11. Asymptotic Bode Plot of Converter's Gain
5
15A DEMO BOARD DESCRIPTION
The demo board shows the operation of the device in a general purpose application. This evaluation board al-
lows voltage adjustability from 0.9V to 5V through the switches S2-S5 according to the reported table when the
internal 0.9V reference is used (G1 closed). Output current in excess of 20A can be reached dependently on
the kind of mosfet used: up to three SO8 mosfet may be used for both High side and Low side switches. External
reference may be used for the regulation simply leaving open G1 and the switches S2-S5. The device may also
be disabled with the switch S1. The VCC input rail supplies the device while the power conversion starts from
the VIN input rail. The device is also able to operate with a single supply voltage; in this case the jumper G2 has
to be closed and a 5V to 12V input can be directly connected to the VIN input. The four layers demo board's
copper thickness is of 70
µm in order to minimize conduction losses considering the high current that the circuit
is able to deliver.The PGOOD signal is used as a logic level and it's been pulled up to VIN because there's no
other appropriate voltage available on the demo board. In case of input voltage higher than 7V (PGOOD Pin
Maximum Absolute Rating) a 5V reference is required. Figure 12 shows the demo board's schematic circuit
Figure 12. 15A Demo Board Schematic
Error Amplifier
ωΖ1
ωΖ2
ωP1
ωP2
ωESR
R5/R3
Modulator Gain
Compensation Network Gain
Error Amplifier
Closed Loop Gain
ωLC
ω
dB
UGATE
PHASE
LGATE
PGND
PGOOD
VFB
SS
OSC
EAREF
VREF
R1
GND
VCC
BOOT
C17
C16
C21
C15
VIN
GNDIN
VCC
GNDCC
REFIN
GNDREFIN
+VREF
GNDREF
R7
R6
C13
Q1-3
Q4-6
D2
C14
G2
OCSET
COMP
5
12
15
7
8
1
4
2
13
14
10
11
9
3
6
S2
S1
S4
S5
S3
R10
SR12
SR13
R11
VOUT
PWRGD
GNDOUT
L2
L1
D1
C1-C3
C4-
11
D03IN1513
G1
F1
C19
C18
R5
R3
R8
R2
R9
R4
C20
C22
C12
VOUT
S2
Open Open Open Open
ON Open Open Open
ON
Open
Open Open
ON
ON Open Open
Open Open ON Open
Open Open Open ON
Open Open ON
ON
S3
S4
S5
0.9
1.2
1.5
1.8
2.5
3.3
5.0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com