Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6910A Datasheet(PDF) 23 Page - STMicroelectronics

Part # L6910A
Description  ADJUSTABLE STEP DOWN CONTROLLER WITH SYNCHRONOUS RECTIFICATION
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6910A Datasheet(HTML) 23 Page - STMicroelectronics

Back Button L6910A Datasheet HTML 19Page - STMicroelectronics L6910A Datasheet HTML 20Page - STMicroelectronics L6910A Datasheet HTML 21Page - STMicroelectronics L6910A Datasheet HTML 22Page - STMicroelectronics L6910A Datasheet HTML 23Page - STMicroelectronics L6910A Datasheet HTML 24Page - STMicroelectronics L6910A Datasheet HTML 25Page - STMicroelectronics L6910A Datasheet HTML 26Page - STMicroelectronics L6910A Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 29 page
background image
23/29
L6910 - L6910A
Table 13. Part List
Figure 31. Efficiency vs. Output Current
Reference
Description
Manufacturer
R1
910 Ohm 5% 125mW
NEOHM
SMD 0805
R2
10K 5% 125mW
NEOHM
SMD 0805
R3
4.7K 5% 125mW
NEOHM
SMD 0805
R4
1K 5% 125mW
NEOHM
SMD 0805
R5
2.7K 5% 125mW
NEOHM
SMD 0805
R6
1K1
NEOHM
SMD 0805
R7
10 Ohm 125mW
NEOHM
SMD 0805
C1,C2
100
µF - 20V
OSCON 20SA100M
RADIAL 10X10.5
C13,C14
330
µF - 6.3V
POSCAP 6TPB330M
SMD7343
C12,C5,C8
100nF
KEMET
SMD0805
C3
1nF
KEMET
SMD0805
C4
470nF
KEMET
SMD0805
C6
4.7
µF - 16V
AUX
SMA6032
C7
100nF
KEMET
C9
15nF
KEMET
SMD0805
C10
1.5nF
KEMET
SMD0805
C11
47nF
KEMET
SMD0805
G1
Open
Jumper
L1
2.5
µH (77121A7 Core, Double winding 7 AWG16)
MAGNETICS
Q1,Q2,Q3
STS11NF30L
ST
SO8
Q4
STS5P30L
ST
SO8
D1
1N4148
SOT23
D2
STPS3L25U (STPS340U)
ST
SMB (D0144)
U1
Device L6910
ST
SO16 Narrow
65
70
75
80
85
90
1
1.5
2
2.5
3
3.5
Output Current (A)
Vcc=5V
Vout=5V
Fsw=200KHz
Vin=12V
Vin=5V
Vin=3.3V
65
70
75
80
85
90
1
1.5
2
2.5
3
3.5
Output Current (A)
Vcc=5V
Vout=5V
Fsw=200KHz
Vin=12V
Vin=5V
Vin=3.3V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com