Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6910A Datasheet(PDF) 20 Page - STMicroelectronics

Part # L6910A
Description  ADJUSTABLE STEP DOWN CONTROLLER WITH SYNCHRONOUS RECTIFICATION
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6910A Datasheet(HTML) 20 Page - STMicroelectronics

Back Button L6910A Datasheet HTML 16Page - STMicroelectronics L6910A Datasheet HTML 17Page - STMicroelectronics L6910A Datasheet HTML 18Page - STMicroelectronics L6910A Datasheet HTML 19Page - STMicroelectronics L6910A Datasheet HTML 20Page - STMicroelectronics L6910A Datasheet HTML 21Page - STMicroelectronics L6910A Datasheet HTML 22Page - STMicroelectronics L6910A Datasheet HTML 23Page - STMicroelectronics L6910A Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 29 page
background image
L6910 - L6910A
20/29
9
APPLICATION IDEA 1: DDR MEMORY AND TERMINATION SUPPLY
Double Data Rate (DDR) Memories require a particular Power Management Architecture. This is due to the fact
that the trace between the driving chipset and the memory input must be terminated with resistors.
Since the Chipset driving the Memory has a push pull output buffer, the Termination voltage must be capable
of sourcing and sinking current.
Moreover, the Termination voltage must be equal to one half of the memory supply (the input of the memory is
a differential stage requiring a reference bias midpoint) and in tracking with it. For DDRI the Memory Supply is
2.5V and the Termination voltage is 1.25V while, for DDRII, the Memory Supply is 1.8V and the Termination
voltage is 0.9V. Fig. 23 shows a complete DDRI Memory and Termination Power Supply realized by using 2 x
L6910. The 2.5V section is powering the memory while the 1.25V section is providing the termination voltage.
The tracking between the two sections is realized by providing the EAREF voltage of the 1.25V section through
a resistor divider connected to the 2.5V.
Figure 23. Application idea : DDR Memory Supply
The current required by the memory and the termination supply, depends on the memory type and size.
The figure 24, 25 shows the efficiency of the L6910 for the termination section of the application shown in fig.
23, in sink and source mode. The figures show the efficiency values also when the input voltage is coming di-
rectly from the 12V rail.
VREF
13
14
10
11
3
1
6
12
5
4
2
15
7
9
VCC
GND
VREF
SS
OSC
OCSET
UGATE
PHASE
LGATE
PGND
PGOOD
VIN
12V
8
EAREF
BOOT
13
14
10
11
3
1
PWRGD
6
12
5
4
2
15
7
9
VCC
GND
VREF
SS
OSC
OCSET
UGATE
PHASE
LGATE
PGND
PGOOD
8
EAREF
BOOT
STS8DNF3LL
STS11NF3LL
R
+
-
V
DDQ
2.5V@15A
V
TT
1.25V@ - 5A
VIN
12V
U1
L6910
U2
L6910
PWRGD
R
TERMINATION
NETWORK
STS11NF3LL
DDR
MEMORY
CHIPSET
+
VREF
13
14
10
11
3
1
6
12
5
4
2
15
7
9
VCC
GND
VREF
SS
OSC
OCSET
UGATE
PHASE
LGATE
PGND
PGOOD
VIN
12V
8
EAREF
BOOT
13
14
10
11
3
1
PWRGD
6
12
5
4
2
15
7
9
VCC
GND
VREF
SS
OSC
OCSET
UGATE
PHASE
LGATE
PGND
PGOOD
8
EAREF
BOOT
STS8DNF3LL
STS11NF3LL
R
+
-
V
DDQ
2.5V@15A
V
TT
1.25V@ - 5A
VIN
12V
U1
L6910
U2
L6910
PWRGD
R
TERMINATION
NETWORK
STS11NF3LL
DDR
MEMORY
CHIPSET
+
VREF
13
14
10
11
3
1
6
12
5
4
2
15
7
9
VCC
GND
VREF
SS
OSC
OCSET
UGATE
PHASE
LGATE
PGND
PGOOD
VIN
12V
8
EAREF
BOOT
13
14
10
11
3
1
PWRGD
6
12
5
4
2
15
7
9
VCC
GND
VREF
SS
OSC
OCSET
UGATE
PHASE
LGATE
PGND
PGOOD
8
EAREF
BOOT
STS8DNF3LL
STS11NF3LL
R
+
-
V
DDQ
2.5V@15A
V
TT
1.25V@ - 5A
VIN
12V
U1
L6910
U2
L6910
PWRGD
R
TERMINATION
NETWORK
STS11NF3LL
DDR
MEMORY
CHIPSET
+



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com