Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6932H1.2 Datasheet(PDF) 7 Page - STMicroelectronics

Part # L6932H1.2
Description  High performance 2A ULDO linear regulator
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6932H1.2 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button L6932H1.2 Datasheet HTML 3Page - STMicroelectronics L6932H1.2 Datasheet HTML 4Page - STMicroelectronics L6932H1.2 Datasheet HTML 5Page - STMicroelectronics L6932H1.2 Datasheet HTML 6Page - STMicroelectronics L6932H1.2 Datasheet HTML 7Page - STMicroelectronics L6932H1.2 Datasheet HTML 8Page - STMicroelectronics L6932H1.2 Datasheet HTML 9Page - STMicroelectronics L6932H1.2 Datasheet HTML 10Page - STMicroelectronics L6932H1.2 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
L6932H1.2
Application information
7/13
6
Application information
6.1
Application circuit
Figure 7.
Demoboard application circuit
6.2
Demoboard layout
Figure 8.
Demoboard layout
L6932H1.2
R1
R2
R3
C1
C2
Vout=1.2V to 5V
Vin=2V to 14V
1
2
3
4
5
6
7
8
EN
Vin
Vout
PGOOD
FB
GND
NC2
NC1
L6932H1.2
R1
R2
R3
C1
C2
Vout=1.2V to 5V
Vin=2V to 14V
1
2
3
4
5
6
7
8
EN
Vin
Vout
PGOOD
FB
GND
NC2
NC1
L6932H1.2
R1
R2
R3
C1
C2
Vout=1.2V to 5V
Vin=2V to 14V
1
2
3
4
5
6
7
8
EN
Vin
Vout
PGOOD
FB
GND
NC2
NC1
V
OUT
1.2
R
2
--------
R
1
R
2
+
()
×
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com