Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6932H1.2 Datasheet(PDF) 8 Page - STMicroelectronics

Part # L6932H1.2
Description  High performance 2A ULDO linear regulator
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6932H1.2 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button L6932H1.2 Datasheet HTML 4Page - STMicroelectronics L6932H1.2 Datasheet HTML 5Page - STMicroelectronics L6932H1.2 Datasheet HTML 6Page - STMicroelectronics L6932H1.2 Datasheet HTML 7Page - STMicroelectronics L6932H1.2 Datasheet HTML 8Page - STMicroelectronics L6932H1.2 Datasheet HTML 9Page - STMicroelectronics L6932H1.2 Datasheet HTML 10Page - STMicroelectronics L6932H1.2 Datasheet HTML 11Page - STMicroelectronics L6932H1.2 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
Components selection
L6932H1.2
8/13
6.3
Component part list
7
Components selection
7.1
Input capacitor
The input capacitor value depends on a lot of factors such as load transient requirements,
input source (battery or DC/DC converter) and its distance from the input cap. Usually a
47µF is enough for any application but a much lower value can be sufficient in many cases.
7.2
Output capacitor
The output capacitor choice depends basically on the load transient requirements.
Tantalum, Special Polymer, POSCAP and aluminum capacitors are good and offer very low
ESR values. Multilayer ceramic caps have the lowest ESR and can be required for
particular applications. Nevertheless in several applications they are ok, the loop stability
issue has to be considered (see loop stability section).
Below a list of some suggested capacitor manufacturers
Table 6. Component par list
Reference
Part number
Description
Manufacturer
C1
GRM32ER6C226KE20B
22Uf, 16V
MURATA
C2
GRM32ER6C226KE20B
22Uf, 16V
MURATA
R1
N.M.
R2
0
Ω
R3
100K
Table 7. Suggested capacitor
Manufacturer
Type
Cap Value (µF)
Rated Voltage (V)
MURATA
CERAMIC
1 to 47
4 to 16
PANASONIC
CERAMIC
1 to 47
4 to 16
TAYO YUDEN
CERAMIC
1 to 47
4 to 16
TDK
CERAMIC
1 to 47
4 to 16
TOKIN
CERAMIC
1 to 47
4 to 16
SANYO
POSCAP
1 to 47
4 to 16
PANASONIC
SP
1 to 47
4 to 16
KEMET
TANTALUM
1 to 47
4 to 16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com