Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6932H1.2 Datasheet(PDF) 5 Page - STMicroelectronics

Part # L6932H1.2
Description  High performance 2A ULDO linear regulator
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6932H1.2 Datasheet(HTML) 5 Page - STMicroelectronics

  L6932H1.2 Datasheet HTML 1Page - STMicroelectronics L6932H1.2 Datasheet HTML 2Page - STMicroelectronics L6932H1.2 Datasheet HTML 3Page - STMicroelectronics L6932H1.2 Datasheet HTML 4Page - STMicroelectronics L6932H1.2 Datasheet HTML 5Page - STMicroelectronics L6932H1.2 Datasheet HTML 6Page - STMicroelectronics L6932H1.2 Datasheet HTML 7Page - STMicroelectronics L6932H1.2 Datasheet HTML 8Page - STMicroelectronics L6932H1.2 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
L6932H1.2
Electrical characteristics
5/13
4
Electrical characteristics
Table 5. Electrical characteristcs (TJ = 25°C, VIN = 5V unless otherwise specified)
Symbol
Parameter
Test condition
Min
Typ
Max
Unit
VIN
Operating Supply
Voltage
214
V
VO
Output voltage
IO = 0.1A; VIN = 3.3V
1.188
1.2
1.212
V
Line Regulation
VIN = 2.5V ±10%; IO = 10mA
5mV
VIN = 3.3V ±10%; IO = 10mA
5mV
VIN = 5V ±10%; IO = 10mA
5mV
Load Regulation
VIN = 3.3V; 0.1A < IO < 2A
15
mV
rDS(on)
Drain Source ON
resistance
200
m
Ω
IOCC
Current limiting
2.3
2.5
2.7
A
Iq
Quiescent current
0.2
0.4
mA
Ish
Shutdown current
2V < VIN < 14V
(1)
1.
Specification referred to T from -25°C to 125°C.
25
µA
Ripple Rejection
f = 120Hz, IO = 1A VIN = 5V,
∆V
IN = 2Vpp
60
75
dB
Ven
EN Input Threshold
0.5
0.65
0.8
V
Pgood threshold
Vo rise
90
%Vo
Pgood Hysteresis
10
%Vo
Pgood saturation
Ipgood = 1mA
0.2
0.4
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com