Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STP20NM50 Datasheet(PDF) 12 Page - STMicroelectronics

Part # STP20NM50
Description  N-CHANNEL 500V - 0.20ohm - 20A TO-220/FP/D2PAK/I2PAK MDmesh Power MOSFET
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STP20NM50 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button STP20NM50 Datasheet HTML 8Page - STMicroelectronics STP20NM50 Datasheet HTML 9Page - STMicroelectronics STP20NM50 Datasheet HTML 10Page - STMicroelectronics STP20NM50 Datasheet HTML 11Page - STMicroelectronics STP20NM50 Datasheet HTML 12Page - STMicroelectronics STP20NM50 Datasheet HTML 13Page - STMicroelectronics STP20NM50 Datasheet HTML 14Page - STMicroelectronics STP20NM50 Datasheet HTML 15Page - STMicroelectronics STP20NM50 Datasheet HTML 16Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
4 Package mechanical data
STB20NM50-1 - STB20NM50 - STP20NM50 - STP20NM50FP
12/16
DIM.
mm.
inch
MIN.
TYP
MAX.
MIN.
TYP.
MAX.
A
4.40
4.60
0.173
0.181
A1
2.40
2.72
0.094
0.107
b
0.61
0.88
0.024
0.034
b1
1.14
1.70
0.044
0.066
c
0.49
0.70
0.019
0.027
c2
1.23
1.32
0.048
0.052
D
8.95
9.35
0.352
0.368
e
2.40
2.70
0.094
0.106
e1
4.95
5.15
0.194
0.202
E
10
10.40
0.393
0.410
L
13
14
0.511
0.551
L1
3.50
3.93
0.137
0.154
L2
1.27
1.40
0.050
0.055
TO-262 (I2PAK) MECHANICAL DATA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com