Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STP20NM50 Datasheet(PDF) 3 Page - STMicroelectronics

Part # STP20NM50
Description  N-CHANNEL 500V - 0.20ohm - 20A TO-220/FP/D2PAK/I2PAK MDmesh Power MOSFET
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STP20NM50 Datasheet(HTML) 3 Page - STMicroelectronics

  STP20NM50 Datasheet HTML 1Page - STMicroelectronics STP20NM50 Datasheet HTML 2Page - STMicroelectronics STP20NM50 Datasheet HTML 3Page - STMicroelectronics STP20NM50 Datasheet HTML 4Page - STMicroelectronics STP20NM50 Datasheet HTML 5Page - STMicroelectronics STP20NM50 Datasheet HTML 6Page - STMicroelectronics STP20NM50 Datasheet HTML 7Page - STMicroelectronics STP20NM50 Datasheet HTML 8Page - STMicroelectronics STP20NM50 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
STB20NM50-1 - STB20NM50 - STP20NM50 - STP20NM50FP
2 Electrical characteristics
3/16
2
Electrical characteristics
(TCASE = 25 °C unless otherwise specified)
Table 4.
On/off states
Table 5.
Dynamic
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
V(BR)DSS
Drain-Source Breakdown
Voltage
ID = 250µA, VGS= 0
500
V
IDSS
Zero Gate Voltage Drain
Current (VGS = 0)
VDS = Max Rating,
VDS = Max Rating,Tc = 125°C
1
10
µA
µA
IGSS
Gate Body Leakage Current
(VDS = 0)
VGS = ±30V
±
100
µA
VGS(th)
Gate Threshold Voltage
VDS= VGS, ID = 250 µA
34
5
V
RDS(on)
Static Drain-Source On
Resistance
VGS= 10 V, ID= 10 A
0.20
0.25
Ω
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
gfs Note 4
Forward Transconductance
VDS > ID(ON) xRDS(ON)max,
ID = 10A
10
S
Ciss
Coss
Crss
Input Capacitance
Output Capacitance
Reverse Transfer Capacitance
VDS =25V, f=1 MHz, VGS=0
1480
285
34
pF
pF
pF
Coss eq.
Note 5
Equivalent Ouput Capacitance VGS=0, VDS =0V to 400V
130
pF
Rg
Gate Input Resistance
f=1MHz Gate DC Bias=0
Test Signal Level=20mV
Open Drain
1.6
Ω
Qg
Qgs
Qgd
Total Gate Charge
Gate-Source Charge
Gate-Drain Charge
VDD=400V, ID = 20A
VGS =10V
(see Figure 15)
40
13
19
56
nC
nC
nC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com