Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STP20NM50 Datasheet(PDF) 4 Page - STMicroelectronics

Part # STP20NM50
Description  N-CHANNEL 500V - 0.20ohm - 20A TO-220/FP/D2PAK/I2PAK MDmesh Power MOSFET
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STP20NM50 Datasheet(HTML) 4 Page - STMicroelectronics

  STP20NM50 Datasheet HTML 1Page - STMicroelectronics STP20NM50 Datasheet HTML 2Page - STMicroelectronics STP20NM50 Datasheet HTML 3Page - STMicroelectronics STP20NM50 Datasheet HTML 4Page - STMicroelectronics STP20NM50 Datasheet HTML 5Page - STMicroelectronics STP20NM50 Datasheet HTML 6Page - STMicroelectronics STP20NM50 Datasheet HTML 7Page - STMicroelectronics STP20NM50 Datasheet HTML 8Page - STMicroelectronics STP20NM50 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
2 Electrical characteristics
STB20NM50-1 - STB20NM50 - STP20NM50 - STP20NM50FP
4/16
Table 6.
Switching times
Table 7.
Source drain diode
(1) ISD ≤20A, di/dt ≤400A/µs, VDD ≤ V(BR)DSS, Tj ≤ TJMAX
(2) Pulse width limited by safe operating area
(3) Limited only by maximum temperature allowed
(4) Pulsed: pulse duration = 300µs, duty cycle 1.5%
(5) Coss eq. is defined as a constant equivalent capacitance giving the same charging time as Coss when VDS increases from 0
to 80% VDSS
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
td(on)
tr
Turn-on Delay Time
Rise Time
VDD=250 V, ID=10A,
RG=4.7Ω, VGS=10V
(see Figure 16)
24
16
ns
ns
tr(Voff)
tf
tc
Off-voltage Rise Time
Fall Time
Cross-over Time
VDD=400 V, ID=20A,
RG=4.7Ω, VGS=10V
(see Figure 16)
9
8.5
23
ns
ns
ns
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
ISD
ISDMNote 2
Source-drain Current
Source-drain Current (pulsed)
20
80
A
A
VSDNote 4
Forward on Voltage
ISD=20A, VGS=0
1.5
V
trr
Qrr
IRRM
Reverse Recovery Time
Reverse Recovery Charge
Reverse Recovery Current
ISD=20A, di/dt = 100A/µs,
VDD=100 V, Tj=25°C
350
4.6
26
ns
µC
A
trr
Qrr
IRRM
Reverse Recovery Time
Reverse Recovery Charge
Reverse Recovery Current
ISD=20A, di/dt = 100A/µs,
VDD=100 V, Tj=150°C
435
5.9
27
ns
µC
A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com