Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7338 Datasheet(PDF) 7 Page - STMicroelectronics

Part # TDA7338
Description  STEREO DECODER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7338 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button TDA7338 Datasheet HTML 3Page - STMicroelectronics TDA7338 Datasheet HTML 4Page - STMicroelectronics TDA7338 Datasheet HTML 5Page - STMicroelectronics TDA7338 Datasheet HTML 6Page - STMicroelectronics TDA7338 Datasheet HTML 7Page - STMicroelectronics TDA7338 Datasheet HTML 8Page - STMicroelectronics TDA7338 Datasheet HTML 9Page - STMicroelectronics TDA7338 Datasheet HTML 10Page - STMicroelectronics TDA7338 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
7/12
TDA7338
4.3.2 Noise Controlled Threshold Adjustment (ATC)
The behaviour of the noise controlled threshold adjustment is shown in fig. 8. It can be influenced lightly
by adding a resistor in parallel to the PEAK capacitor at Pin 8 either to GND or VDD. A resistor to GND
will decrease the threshold whereas a resistor to VDD will increase it. But it is recommended to choose
one of the internal thresholds by use of the PROG pin (see table 5)
4.3.3 Automatic Threshold Control by the Stereoblend voltage (ATC-SB)
Besides the noise controlled threshold adjustment there is an additional possibility for influencing the trig-
ger. It is controlled by the difference between Vsb and Vr, similar to the Stereoblend. The reason for im-
plementing such a second control will be explained in the following: The point where the MPX signal starts
to become noisy is fixed by the RF part. Therefore also the starting point of the normal noise controlled
trigger adjustment is fixed (fig.9). But in some cases the behaviour of the noiseblanker can be improved
by increasing the threshold even in a region of higher fieldstrength, for the MPX signal often shows distor-
tion in this range, which leads to an undesired triggering.
Because of the overlap of this range and the range of the stereo/mono transition it can be controlled by
Vsb and Vr. This threshold increase is programmable (see fig. 9).
4.3.4 Blend Mode
Another possibility to avoid a disturbing triggering on modulation is to use the spikes on the fieldstrength
signal (LEVEL pin). But in the range of higher fieldstrength the signal saturates and no more spike detec-
tion is possible. For this reason the TDA7338 offers the "BLEND MODE". When "BLEND MODE" is acti-
vated a smooth transition between the LEVEL- and the MPX-signal is used to detect the spikes either on
LEVEL or on MPX.
In the lower fieldstrength range mainly the LEVEL-signal is used whereas in the higher range mainly the
MPX is used.
This switching is controlled also by the normal Stereoblend signal to avoid additional pins. "BLEND MODE
OFF" is activated by connecting the LEVEL pin to GND (LEVEL must be also connected to GND if not
used).
Figure 7. Block Diagram of the Noise Blanker
80KHz LP
SIGNAL PATH
ATC
AUTOMATIC
THRESHOLD
CONTROL
PEAK+VTH
RECT-PEAK
BUF
PEAK
AMP
RECT
PEAK COMP
REF.
BLANK COMP
ADDITIONAL THRESHOLD
CONTROL
(ATC-SB)
40
µs
LEFT
RIGHT
to OUTPUTS
MPX IN
VR
VSB
CPEAK
47nF
CBLANK
330pF
D95AU368
140KHz HP
120KHz HP
LEVEL
2V
7V
THRESHOLD L/H
ADDITIONAL THRESHOLD
CONTROL on/off
PROG
VS
-
+
BLEND
ON/OFF
0.1V
BLEND
CONTROL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com