Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7338 Datasheet(PDF) 5 Page - STMicroelectronics

Part # TDA7338
Description  STEREO DECODER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7338 Datasheet(HTML) 5 Page - STMicroelectronics

  TDA7338 Datasheet HTML 1Page - STMicroelectronics TDA7338 Datasheet HTML 2Page - STMicroelectronics TDA7338 Datasheet HTML 3Page - STMicroelectronics TDA7338 Datasheet HTML 4Page - STMicroelectronics TDA7338 Datasheet HTML 5Page - STMicroelectronics TDA7338 Datasheet HTML 6Page - STMicroelectronics TDA7338 Datasheet HTML 7Page - STMicroelectronics TDA7338 Datasheet HTML 8Page - STMicroelectronics TDA7338 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
5/12
TDA7338
3. SCA (SUBSIDIARY COMMUNICATIONS AUTHORIZATION)
; fs = (2 x 38KHz) - 67KHz
measured with : 81% mono signal; 9% pilot signal; fm=1KHz;
10% SCA - subcarrier (fs = 67KHz, unmodulated)
4. ACI (ADJACENT CHANNEL INTERFERENCE)
; fs = 110KHz - (3 x 38KHz)
; fs = 186KHz - (5 x 38KHz)
measured with : 90% mono signal; 9% pilot signal; fm=1KHz; 1% spurious signal
(fs = 110KHz or 186KHz, unmodulated)
5. Control range typ 11% of VR (see figure 5 and figure 6)
6. MEASUREMENT OF TRIGGER THRESHOLDS
All thresholds are measured by using a pulse with TR = 2µs, THIGH = 2µs, and TF = 10µs. The repetition
rate must not increase the PEAK voltage.
Figure 4.
4
FUNCTIONAL DESCRIPTION
4.1 Signal Path
The TDA7338 Stereodecoder contains all necessary functions for processing the MPX signal. Due to the
external input resistance (Pin 20) the circuit can be adapted to different MPX input levels. Behind a 80kHz
lowpass filter the adjustment free PLL for the pilot Tone is placed.
The only external component needed for the PLL is the ceramic resonator for the oscillator which runs at
456kHz.
The pilot detector output is designed as an open collector output, therefore an external pullup resistor is
needed. To force the decoder to "MONO" Pin 19 has to be clamped to a voltage below 0.8V.
The voltage level (signal strength from the IF part) applied to Pin 15 (VHCC) allows to control the time
constant of the deemphasis (nom. = 50
µs, see fig. 5). If the RF-signal is weak, the corner frequency is
reduced down to 1kHz to improve the signal to noise ratio.
α67
V
O signal
() at1KHz
()
V
O spurious
() at9KHz
()
------------------------------------------------------------------
=
α114
V
O signal
() at1KHz
()
V
O spurious
() at4KHz
()
------------------------------------------------------------------
=
α190
V
O signal
() at1KHz
()
V
O spurious
() at4KHz
()
------------------------------------------------------------------
=
VTR
Vin
DC
TR
THIGH
TF
Time
D95AU365



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com