Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7338 Datasheet(PDF) 2 Page - STMicroelectronics

Part # TDA7338
Description  STEREO DECODER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7338 Datasheet(HTML) 2 Page - STMicroelectronics

  TDA7338 Datasheet HTML 1Page - STMicroelectronics TDA7338 Datasheet HTML 2Page - STMicroelectronics TDA7338 Datasheet HTML 3Page - STMicroelectronics TDA7338 Datasheet HTML 4Page - STMicroelectronics TDA7338 Datasheet HTML 5Page - STMicroelectronics TDA7338 Datasheet HTML 6Page - STMicroelectronics TDA7338 Datasheet HTML 7Page - STMicroelectronics TDA7338 Datasheet HTML 8Page - STMicroelectronics TDA7338 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
TDA7338
2/12
Table 2. Absolute Maximum Ratings
Table 3. Thermal Data
Figure 3. Block Diagram and Test Circuit
Symbol
Parameter
Value
Unit
VCC
DC Supply Voltage
10.5
V
ICC
Suply Current
20
mA
Tstg
Storage Temperature
-55 to 150
°C
Tamb
Operating AmbientTemperature
-40 to 85
°C
Symbol
Parameter
Value
Unit
Rth j-pins
Thermal resistance junction-pins
200
°C/W
MPX
PILOT
DETECTOR
80KHz
LPF
DEMODULATOR
LEVEL
CONTROL
25KHz
LPF
19KHz
SC NOTCH
NOISE
BLANKER
HIGH
CUT
CONTROL
PEAK
DETECTOR
PULSE
FORMER
AMP
AMP
AMP
SC
PHASE
DETECTOR
&
PHASE
FILTER
DIVIDERS
VCO
140KHz
LPF
120KHz
LPF
AMP
PLL
TRIGGER
THRESHOLD
REFERENCE
20K
20K
CREF
IN L
OUT L
OUT R
IN R
HCR
HCL
MONO
PILOT
IND.
VR
VSB
VHCC
MPX IN
CSB456F11
VCO
26
1
7
8
3
5
VCO OFF
MUTE
TBLANK
PEAK
LEVEL
PROG
GND
VS
D95AU364C
20
19
18
17
16
15
14
13
12
11
10
9
4
1
µF
40.2K
1nF
1nF
70K
40.2K
40.2K
4.7
µF
47nF
470pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com