Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CFXYY Datasheet(PDF) 1 Page - Advanced Analogic Technologies

Part # CFXYY
Description  150mA NanoPower??LDO Linear Regulator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANALOGICTECH [Advanced Analogic Technologies]
Direct Link  http://www.analogictech.com
Logo ANALOGICTECH - Advanced Analogic Technologies

CFXYY Datasheet(HTML) 1 Page - Advanced Analogic Technologies

  CFXYY Datasheet HTML 1Page - Advanced Analogic Technologies CFXYY Datasheet HTML 2Page - Advanced Analogic Technologies CFXYY Datasheet HTML 3Page - Advanced Analogic Technologies CFXYY Datasheet HTML 4Page - Advanced Analogic Technologies CFXYY Datasheet HTML 5Page - Advanced Analogic Technologies CFXYY Datasheet HTML 6Page - Advanced Analogic Technologies CFXYY Datasheet HTML 7Page - Advanced Analogic Technologies CFXYY Datasheet HTML 8Page - Advanced Analogic Technologies CFXYY Datasheet HTML 9Page - Advanced Analogic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
AAT3221/2
150mA NanoPower™ LDO Linear Regulator
PowerLinearTM
PRODUCT DATASHEET
3221.2007.11.1.12
1
www .analogictech.com
General Description
The AAT3221 and AAT3222 PowerLinear NanoPower low
dropout (LDO) linear regulators are ideal for portable
applications where extended battery life is critical.
These devices feature extremely low quiescent current,
typically 1.1μA. Dropout voltage is also very low, typi-
cally less than 200mV at the maximum output current of
150mA. The AAT3221/2 have an enable pin feature
which, when asserted, will enter the LDO regulator into
shutdown mode, removing power from its load and offer-
ing extended power conservation capabilities for portable
battery-powered applications.
The AAT3221/2 have output short-circuit and over-cur-
rent protection. In addition, the devices also have an
over-temperature protection circuit, which will shut
down the LDO regulator during extended over-current
events. The devices are available with active high or
active low enable input.
The AAT3221 and AAT3222 are available in Pb-free,
space-saving 5-pin SOT23 packages. The AAT3221 is
also available in a Pb-free, 8-pin SC70JW package. The
device is rated over the -40°C to +85°C temperature
range. Since only a small, 1μF ceramic output capacitor
is recommended, often the only space used is that occu-
pied by the AAT3221/2 itself. The AAT3221/2 provide a
compact and cost-effective voltage conversion solution.
The AAT3221 and AAT3122 are similar to the AAT3220,
with the exception that they offer further power savings
with an enable pin.
Features
• 1.1μA Quiescent Current
• Low Dropout: 200mV (typical)
• Guaranteed 150mA Output
• High Accuracy: ±2%
• Current Limit Protection
• Over-Temperature Protection
• Extremely Low Power Shutdown Mode
• Low Temperature Coefficient
• Factory-Programmed Output Voltages
▪ 1.5V to 3.5V
• Stable Operation With Virtually Any Output Capacitor
Type
• Active High or Low Enable Pin
• 4kV ESD
• 5-Pin SOT23 or 8-Pin SC70JW Package
• -40°C to +85°C Temperature Range
Applications
• Cellular Phones
• Digital Cameras
• Handheld Electronics
• Notebook Computers
• PDAs
• Portable Communication Devices
• Remote Controls
Typical Application
AAT3221/2
IN
EN
INPUT
GND
OUT
OUTPUT
GND
GND
ENABLE
(ENABLE)
CIN
1
μF
COUT
1
μF
(EN)


Similar Part No. - CFXYY

ManufacturerPart #DatasheetDescription
logo
RUBYCON CORPORATION
CFX RUBYCON-CFX Datasheet
48Kb / 2P
MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
logo
PANDUIT CORP.
CFX3 PANDUIT-CFX3 Datasheet
51Kb / 1P
COUPLER FITTING COVER
logo
Cvilux Corporation
CFXXXH0RA-05-NH CVILUX-CFXXXH0RA-05-NH Datasheet
243Kb / 2P
0.50mm(.020") ZIF FFC/FPC BACK FLIP CONNECTOR
21.09.16
logo
RUBYCON CORPORATION
CFX RUBYCON-CFX_15 Datasheet
195Kb / 2P
MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
More results

Similar Description - CFXYY

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT3220 ANALOGICTECH-AAT3220 Datasheet
460Kb / 16P
150mA NanoPower??LDO Linear Regulator
AAT3221 ANALOGICTECH-AAT3221 Datasheet
390Kb / 16P
150mA NanoPower??LDO Linear Regulator
AAT3201 ANALOGICTECH-AAT3201 Datasheet
220Kb / 14P
150mA OmniPower LDO Linear Regulator
AAT3242 ANALOGICTECH-AAT3242 Datasheet
512Kb / 16P
300mA/150mA Dual CMOS LDO Linear Regulator
AAT3223 ANALOGICTECH-AAT3223 Datasheet
151Kb / 17P
250mA NanoPower LDO Linear Regulator with Power -OK
logo
Advanced Analog Technol...
AAT3201 AAT-AAT3201 Datasheet
173Kb / 15P
150mA OmniPower??LDO Linear Regulator
3201.2006.01.1.2
AAT3220 AAT-AAT3220 Datasheet
190Kb / 16P
150mA NanoPower??LDO Linear Regulator
3220.2006.01.1.4
AAT3221 AAT-AAT3221 Datasheet
194Kb / 18P
150mA NanoPower??LDO Linear Regulator
3221.2005.12.1.11
logo
Advanced Analogic Techn...
AAT3201 ANALOGICTECH-AAT3201_06 Datasheet
173Kb / 15P
150mA OmniPower??LDO Linear Regulator
AAT3220 ANALOGICTECH-AAT3220_06 Datasheet
190Kb / 16P
150mA NanoPower??LDO Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com