Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STP22NF03L Datasheet(PDF) 1 Page - STMicroelectronics

Part # STP22NF03L
Description  N-CHANNEL 30V - 0.038ohm - 22A TO-220 STripFET™ POWER MOSFET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STP22NF03L Datasheet(HTML) 1 Page - STMicroelectronics

  STP22NF03L Datasheet HTML 1Page - STMicroelectronics STP22NF03L Datasheet HTML 2Page - STMicroelectronics STP22NF03L Datasheet HTML 3Page - STMicroelectronics STP22NF03L Datasheet HTML 4Page - STMicroelectronics STP22NF03L Datasheet HTML 5Page - STMicroelectronics STP22NF03L Datasheet HTML 6Page - STMicroelectronics STP22NF03L Datasheet HTML 7Page - STMicroelectronics STP22NF03L Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
1/8
Aug 2000
STP22NF03L
N-CHANNEL 30V - 0.038
Ω - 22A TO-220
STripFET™ POWER MOSFET
(1) ISD ≤10A, di/dt ≤300A/µs, VDD ≤ V(BR)DSS, Tj ≤ TJMAX.
(2) Starting Tj=25°C, ID=11A, VDD=15V
s
TYPICAL RDS(on) = 0.038Ω
s
EXCEPTIONAL dv/dt CAPABILITY
s
LOW GATE CHARGE AT 100°C
s
APPLICATION ORIENTED CHARACTERIZATION
DESCRIPTION
This Power Mosfet is the latest development of STMi-
croelectronics unique “Single Feature Size
™” strip-
based process. The resulting transistor shows ex-
tremely high packing density for low on-resistance,
rugged avalance characteristics and less critical align-
ment steps therefore a remarkable manufacturing re-
producibility.
APPLICATIONS
s
DC-DC & DC-AC CONVERTERS
s
MOTOR CONTROL, AUDIO AMPLIFIERS
s
HIGH CURRENT, HIGH SPEED SWITCHING
s
SOLENOID AND RELAY DRIVERS
s
AUTOMOTIVE ENVIRONMENT
ABSOLUTE MAXIMUM RATINGS
(q) Pulse width limited by safe operating area
TYPE
VDSS
RDS(on)
ID
STP22NF03L
30V
<0.05
Ω
22A
Symbol
Parameter
Value
Unit
VDS
Drain-source Voltage (VGS = 0)
30
V
VDGR
Drain-gate Voltage (RGS = 20 kΩ)
30
V
VGS
Gate- source Voltage
±15
V
ID
Drain Current (continuos) at TC = 25°C
22
A
ID
Drain Current (continuos) at TC = 100°C
16
A
IDM (q)
Drain Current (pulsed)
88
A
PTOT
Total Dissipation at TC = 25°C
45
W
Derating Factor
0.3
W/°C
dv/dt (1)
Peak Diode Recovery voltage slope
6
V/ns
EAS (2)
Single Pulse Avalanche Energy
200
mJ
Tstg
Storage Temperature
–65 to 175
°C
Tj
Max. Operating Junction Temperature
175
°C
TO-220
1
2
3
INTERNAL SCHEMATIC DIAGRAM


Similar Part No. - STP22NF03L

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STP22NF03L STMICROELECTRONICS-STP22NF03L Datasheet
227Kb / 12P
N-channel 30V - 0.0038Ω - 22A - TO-220 STripFET??II Power MOSFET
03-Sep-2007
STP22NF03L STMICROELECTRONICS-STP22NF03L Datasheet
536Kb / 12P
N-channel 30 V, 0.0038 Ω, 22 A, TO-220 STripFET™II Power MOSFET
08-Oct-2008
logo
Inchange Semiconductor ...
STP22NF03L ISC-STP22NF03L Datasheet
371Kb / 2P
isc N-Channel MOSFET Transistor
logo
STMicroelectronics
STP22NF03L STMICROELECTRONICS-STP22NF03L_07 Datasheet
227Kb / 12P
N-channel 30V - 0.0038Ω - 22A - TO-220 STripFET??II Power MOSFET
03-Sep-2007
STP22NF03L STMICROELECTRONICS-STP22NF03L_08 Datasheet
536Kb / 12P
N-channel 30 V, 0.0038 Ω, 22 A, TO-220 STripFET™II Power MOSFET
08-Oct-2008
More results

Similar Description - STP22NF03L

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STB22NE03L STMICROELECTRONICS-STB22NE03L Datasheet
49Kb / 6P
N - CHANNEL 30V - 0.034ohm - 22A TO-263 STripFET] POWER MOSFET
Apr-1999
STB24NF10 STMICROELECTRONICS-STB24NF10 Datasheet
48Kb / 6P
N - CHANNEL 30V - 0.034ohm - 22A TO-263 STripFET] POWER MOSFET
Apr-2000
STD17NF03L STMICROELECTRONICS-STD17NF03L Datasheet
264Kb / 9P
N-CHANNEL 30V - 0.038ohm - 17A - DPAK/IPAK STripFET™ POWER MOSFET
Aug-2000
STP22NE10L STMICROELECTRONICS-STP22NE10L Datasheet
83Kb / 8P
N - CHANNEL 100V - 0.07 ohm - 22A TO-220 STripFET POWER MOSFET
Nov-1999
STP3020L STMICROELECTRONICS-STP3020L Datasheet
83Kb / 8P
N - CHANNEL 30V - 0.019ohm - 40A - TO-220 STripFET POWER MOSFET
Mar-1999
STP40NF03L STMICROELECTRONICS-STP40NF03L Datasheet
82Kb / 8P
N - CHANNEL 30V - 0.020 ohm - 40A TO-220 STripFET POWER MOSFET
Oct-1999
STP60NF03L STMICROELECTRONICS-STP60NF03L Datasheet
46Kb / 6P
N-CHANNEL 30V - 0.008 ohm - 60A TO-220 STripFET POWER MOSFET
Sep-1999
STD17NF03L STMICROELECTRONICS-STD17NF03L_07 Datasheet
312Kb / 14P
N-channel 30V - 0.038ohm - 17A - DPAK/IPAK STripFET TM II Power MOSFET
19-Feb-2007
STP22NF03L STMICROELECTRONICS-STP22NF03L_07 Datasheet
227Kb / 12P
N-channel 30V - 0.0038Ω - 22A - TO-220 STripFET??II Power MOSFET
03-Sep-2007
STP40NF03L STMICROELECTRONICS-STP40NF03L_07 Datasheet
254Kb / 12P
N-channel 30V - 0.018Ω - 40A - TO-220 STripFET??Power MOSFET
21-Feb-2007
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com