Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7513T Datasheet(PDF) 13 Page - STMicroelectronics

Part # TDA7513T
Description  Single chip FM/AM tuner with stereo decoder and audio processor
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7513T Datasheet(HTML) 13 Page - STMicroelectronics

Back Button TDA7513T_07 Datasheet HTML 9Page - STMicroelectronics TDA7513T_07 Datasheet HTML 10Page - STMicroelectronics TDA7513T_07 Datasheet HTML 11Page - STMicroelectronics TDA7513T_07 Datasheet HTML 12Page - STMicroelectronics TDA7513T_07 Datasheet HTML 13Page - STMicroelectronics TDA7513T_07 Datasheet HTML 14Page - STMicroelectronics TDA7513T_07 Datasheet HTML 15Page - STMicroelectronics TDA7513T_07 Datasheet HTML 16Page - STMicroelectronics TDA7513T_07 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 84 page
background image
TDA7513T
Electrical characteristcs
13/84
Table 5.
Front end adjustment
(VRFadj and VANTadj referred to VLFOUT)
Symbol
Parameter
Test condition
Min
Typ
Max
Unit
Vantadj
min
-40
%
max
40
%
step
1.29
%
VRFadj
min
-40
%
max
40
%
step
1.29
%
Table 6.
AGC
(wide AGC input connected to RFT primary through 10pF and 1K
Ω)
Symbol
Parameter
Test condition
Min
Typ
Max
Unit
WAGCsp
Wide AGC starting point
VRFTprimary @
I(FMAGCOUT) = 5
μA
84
dB
μV
WAGCRin
FMWAGCIN input
resistance
125
W
NAGCsp
Narrow AGC starting point
(max sensitivity)
VRFTprimary @
I(FMAGCOUT) = 5
μA; Keyed
AGC OFF
95
dB
μV
KNAGCsp
Keyed narrow AGC starting
point (min sensitivity)
VRFTprimary @
I(FMAGCOUT) = 5
μA; Keyed
AGC ON;
V(SMETERTC)<0.9V
109
dB
μV
NAGCRin
FMNAGCIN input
resistance
10
K
Ω
KAGCTH
high
Smeter for
Keyed
narrow AGC
maximum
sensitivity
minimum
programming V(SMETERTC) @ narrow
AGC starting point =
NAGCsp
0.9
V
maximum
programming
2.5
V
KAGCTH
low
Smeter for
Keyed
narrow AGC
minimum
sensitivity
minimum
programming V(SMETERTC) @ narrow
AGC starting point =
KNAGCsp
1.6
V
maximum
programming
3.2
V
Iout
min
AGC OFF
0.1
μA
max
AGC ON
8
mA
Vout
min
AGC ON
0.1
0.5
V
max
AGC OFF
Vcc-
0.5
V
AGCVRout
FMAGCVOUT output
resistance
100
K
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com