Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7513T Datasheet(PDF) 37 Page - STMicroelectronics

Part # TDA7513T
Description  Single chip FM/AM tuner with stereo decoder and audio processor
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7513T Datasheet(HTML) 37 Page - STMicroelectronics

Back Button TDA7513T_07 Datasheet HTML 33Page - STMicroelectronics TDA7513T_07 Datasheet HTML 34Page - STMicroelectronics TDA7513T_07 Datasheet HTML 35Page - STMicroelectronics TDA7513T_07 Datasheet HTML 36Page - STMicroelectronics TDA7513T_07 Datasheet HTML 37Page - STMicroelectronics TDA7513T_07 Datasheet HTML 38Page - STMicroelectronics TDA7513T_07 Datasheet HTML 39Page - STMicroelectronics TDA7513T_07 Datasheet HTML 40Page - STMicroelectronics TDA7513T_07 Datasheet HTML 41Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 84 page
background image
TDA7513T
Functional description
37/84
like REF5V are derived from a bandgap circuit, therefore they have a temperature coefficient
which is practically zero.
3.5.9
Highcut control
The highcut control setup is similar to the stereoblend control setup, the starting point VHCH
can be set with 2 bits to be 42, 50, 58 or 66% of REF5V whereas the range can be set to be
17, 22, 28 or 33% of VHCH (see
Figure 18).
3.5.10
Noise blanker
In the automotive environment the MPX signal is disturbed by spikes produced for example
by the ignition and by the wiper motor. The aim of the noiseblanker part is to cancel the
audible influence of these spikes. To perform this function the output of the stereo decoder is
held at the curent voltage for a time between 22 and 38
μs (programmable). The block
diagram of the noiseblanker is shown in fig.20. In the first stage the spikes are detected but
to avoid a wrong triggering on high frequency (white) noise a complex trigger desensitization
control is implemented. Behind the trigger stage a pulse former generates the "blanking"
pulse
3.5.11
Trigger path
The incoming MPX signal is highpassed by a filter with a corner frequency of 140kHz,
amplified and rectified. The rectified signal (RECT) is lowpassed to generate the signal
PEAK. Also noise at a frequency higher than 140kHz increases PEAK. The lowpass output
voltage can be adjusted by changing the noise rectifier discharge current. The PEAK
voltage is fed to a threshold generator which adds to the PEAK voltage a constant voltage
VTH, thus producing the trigger threshold PEAK+VTH. Both RECT and PEAK+VTH are fed
to a comparator which trig-gers a re-triggerable monoflop. The monoflop output activates
the sample-and-hold circuits in the signalpath for a selectable duration.
3.5.12
Automatic noise controlled threshold adjustment (ATC)
There are mainly two independent possibilities to program the trigger threshold:
a)
Programming the so-called "low threshold" in 8 steps;
b)
Programming the so-called "noise adjusted threshold" in 4 steps
The "low threshold" is active in combination with a good MPX signal without any noise; the
PEAK voltage is less than 1V. The sensitivity in this operating mode is high.
If the MPX signal is noisy the PEAK voltage increases due to the higher noise, which is also
rectified. With increasing of the PEAK voltage the trigger threshold increases, too. This
particular mechanism ("noise adjusted threshold") is programmable in 4 steps.
3.6
Automatic threshold control mechanism
3.6.1
Automatic threshold control by the stereoblend voltage
Besides the noise controlled threshold adjustment there is an additional possibility to
influence the trigger threshold which depends on the stereoblend control.
The point where the MPX signal starts to become noisy is fixed by the RF part. Therefore
also the starting point of the normal noise controlled trigger adjustment is fixed. In some



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com