Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7513T Datasheet(PDF) 16 Page - STMicroelectronics

Part # TDA7513T
Description  Single chip FM/AM tuner with stereo decoder and audio processor
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7513T Datasheet(HTML) 16 Page - STMicroelectronics

Back Button TDA7513T_07 Datasheet HTML 12Page - STMicroelectronics TDA7513T_07 Datasheet HTML 13Page - STMicroelectronics TDA7513T_07 Datasheet HTML 14Page - STMicroelectronics TDA7513T_07 Datasheet HTML 15Page - STMicroelectronics TDA7513T_07 Datasheet HTML 16Page - STMicroelectronics TDA7513T_07 Datasheet HTML 17Page - STMicroelectronics TDA7513T_07 Datasheet HTML 18Page - STMicroelectronics TDA7513T_07 Datasheet HTML 19Page - STMicroelectronics TDA7513T_07 Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 84 page
background image
Electrical characteristcs
TDA7513T
16/84
Table 14.
General
(with 20pF/65pF dummy antenna; input levels @ SG,emf; output @ audioprocessor output;
audioprocessor all flat; stereo decoder input gain = 5.75dB)
Symbol
Parameter
Test condition
Min
Typ
Max
Unit
US
Useable sensitivity
SNR = 20dB
26
dB
μV
SNR
Signal to Noise ratio
56
60
dB
MS
Maximum Sensitivity
@
ΔVout = -10dB
20
dB
μV
THD
Total Harmonic Distortion
mod =30%, Vsg = 74dB
μV0.59
%
mod =80%, Vsg = 74dB
μV1.48
%
mod =30%, Vsg =
120dB
μV
1.88
%
mod =80%, Vsg =
120dB
μV
3%
THDLF
THD @ low frequency
mod =30%, Vsg =
74dB
μV, fmod=100Hz
2%
Vout
Audio output level
rms
266
mV
ISN
Interstation noise level
ΔVout @ RF OFF
-35
-31
dB
IFCS
IF Counter sensitivity
8
10
20
dB
μV
Icc
DC current
OSCVcc
5.6
mA
PLLVcc
1.9
mA
DIGVcc
12.1
mA
TUNVcc
68
mA
IF1Vcc
7.8
mA
APVcc
27
mA
Table 15.
Mixer1 (Input at AMMIX1IN+, no mod)
Symbol
Parameter
Test condition
Min
Typ
Max
Unit
Gv
conversion gain
from AMMIX1IN+to IFT1
secondary loaded with 330
Ω
13
dB
IIP3
Input 3rd order intercept point referred to AMMIX1IN+
130
dB
μV
Rin
input resistance (differential)
AMMIX1IN+ w.r.t.
AMMIX1IN-
1.2
k
Ω
CIFT1
IFT1
min
Between MIXOUT+ and
MIXOUT-
0pF
adjustment
max
8.25
pF
capacitor
step
0.55
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com