Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS482ID Datasheet(PDF) 1 Page - STMicroelectronics

Part # TS482ID
Description  100mW Stereo Headphone Amplifier
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS482ID Datasheet(HTML) 1 Page - STMicroelectronics

  TS482ID Datasheet HTML 1Page - STMicroelectronics TS482ID Datasheet HTML 2Page - STMicroelectronics TS482ID Datasheet HTML 3Page - STMicroelectronics TS482ID Datasheet HTML 4Page - STMicroelectronics TS482ID Datasheet HTML 5Page - STMicroelectronics TS482ID Datasheet HTML 6Page - STMicroelectronics TS482ID Datasheet HTML 7Page - STMicroelectronics TS482ID Datasheet HTML 8Page - STMicroelectronics TS482ID Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 26 page
background image
Rev 2
November 2005
1/26
26
TS482
100mW Stereo Headphone Amplifier
■ Operating from Vcc=2V to 5.5V
■ 100mW into 16
Ω at 5V
■
38mW into 16
Ω at 3.3V
■ 11.5mW into 16
Ω at 2V
■ Switch ON/OFF click reduction circuitry
■ High power supply rejection ratio: 85dB at 5V
■ High signal-to-noise ratio: 110dB(A) at 5V
■ High crosstalk immunity: 100dB (F=1kHz)
■ Rail-to-rail input and output
■ Unity-gain stable
■ Available in SO-8, MiniSO-8 & DFN8
Description
The TS482 is a dual audio power amplifier able to
drive a 16 or 32
Ω stereo headset down to low
voltages.
It is delivering up to 100mW per channel (into 16
Ω
loads) of continuous average power with 0.1%
THD+N from a 5V power supply.
The unity gain stable TS482 can be configured by
external gain-setting resistors.
Applications
■ Stereo headphone amplifier
■ Optical storage
■ Computer motherboard
■ PDA, organizers & notebook computers
■ High-end TV, set-top box, DVD players
■ Sound cards
Order Codes
Typical application schematic
TS482IST - MiniSO-8
TS482ID, TS482IDT - SO-8
5
OUT (1)
6
7
8
4
3
2
1
VIN+ (1)
GND
VCC
OUT (2)
VIN- (2)
VIN+ (2)
VIN- (1)
5
OUT (1)
6
7
8
4
3
2
1
VIN+ (1)
GND
VCC
OUT (2)
VIN- (2)
VIN+ (2)
VIN- (1)
+
-
+
-
8
4
1
7
2
3
5
6
TS482
3.9k
3.9k
3.9k
3.9k
100k
100k
Vcc
Vcc
220µF
220µF
Right In
Left In
+
RL=32Ohms
+
RL=32Ohms
+
1µF
+
2.2µF
+
2.2µF
+
Cs
1µF
Cin1
Cin2
Rin1
Cout2
Cout1
Rin2
Rfeed1
Rfeed2
Cb
Rpol
Rpol
+
-
+
-
8
4
1
7
2
3
5
6
TS482
3.9k
3.9k
3.9k
3.9k
100k
100k
Vcc
Vcc
220µF
220µF
Right In
Left In
+
RL=32Ohms
+
RL=32Ohms
+
1µF
+
2.2µF
+
2.2µF
+
Cs
1µF
Cin1
Cin2
Rin1
Cout2
Cout1
Rin2
Rfeed1
Rfeed2
Cb
Rpol
Rpol
TS482IQT - DFN8
1
2
3
4
5
8
7
6
VIN + (1)
GND
VIN + (2)
Vcc
OUT (2)
OUT (1)
VIN - (2)
VIN - (1)
1
2
3
4
5
8
7
6
VIN + (1)
GND
VIN + (2)
Vcc
OUT (2)
OUT (1)
VIN - (2)
VIN - (1)
Part Number
Temperature Range
Package
Packing
Marking
TS482ID/IDT
-40, +85°C
SO-8
Tube or Tape & Reel
482I
TS482IST
miniSO-8
Tape & Reel
TS482IQT
DFN8
www.st.com


Similar Part No. - TS482ID

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TS482ID STMICROELECTRONICS-TS482ID Datasheet
597Kb / 24P
100mW STEREO HEADPHONE AMPLIFIER
Jun-2003
TS482IDT STMICROELECTRONICS-TS482IDT Datasheet
597Kb / 24P
100mW STEREO HEADPHONE AMPLIFIER
Jun-2003
More results

Similar Description - TS482ID

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TS482 STMICROELECTRONICS-TS482 Datasheet
597Kb / 24P
100mW STEREO HEADPHONE AMPLIFIER
Jun-2003
TS486 STMICROELECTRONICS-TS486 Datasheet
1Mb / 31P
100mW STEREO HEADPHONE AMPLIFIER WITH STANDBY MODE
Jun-2003
logo
Sanyo Semicon Device
LA4802T SANYO-LA4802T Datasheet
87Kb / 10P
Headphone Stereo Power Amplifier
logo
Ceramate Technical
CO8301 CERAMATE-CO8301 Datasheet
122Kb / 9P
Stereo Headphone Amplifier
logo
Texas Instruments
TPA6135A2 TI-TPA6135A2 Datasheet
1,015Kb / 22P
DIRECTPATH??Stereo Headphone Amplifier
logo
Anpec Electronics Corop...
APA2178 ANPEC-APA2178 Datasheet
612Kb / 30P
100mW Stereo Cap-Free Headphone Driver
logo
Sanyo Semicon Device
LA4809M SANYO-LA4809M Datasheet
255Kb / 15P
Stereo Headphone Amplifier
logo
Texas Instruments
TPA6130A2 TI1-TPA6130A2 Datasheet
1Mb / 39P
Stereo Headphone Amplifier
logo
Eutech Microelectronics...
EUA6211 EUTECH-EUA6211 Datasheet
821Kb / 1P
Advanced Stereo Headphone Amplifier
logo
Maxim Integrated Produc...
MAX9729 MAXIM-MAX9729_V01 Datasheet
2Mb / 27P
Stereo Headphone Amplifier with BassMax, Stereo Headphone Amplifier with BassMax,
19-0857; Rev 1; 5/14
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com