Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLM20 Datasheet(PDF) 7 Page - STMicroelectronics

Part # STLM20
Description  Ultra-low current 2.4V precision analog temperature sensor
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLM20 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button STLM20 Datasheet HTML 3Page - STMicroelectronics STLM20 Datasheet HTML 4Page - STMicroelectronics STLM20 Datasheet HTML 5Page - STMicroelectronics STLM20 Datasheet HTML 6Page - STMicroelectronics STLM20 Datasheet HTML 7Page - STMicroelectronics STLM20 Datasheet HTML 8Page - STMicroelectronics STLM20 Datasheet HTML 9Page - STMicroelectronics STLM20 Datasheet HTML 10Page - STMicroelectronics STLM20 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
STLM20
Transfer function
7/16
Table 3.
Quadratic output equation (VCC = 2.7V)
Parameter
Conditions
Min
Typ
Max
Unit
Temperature error based on:
VOUT = (–3.88e
–6 × T2) + (–1.15e–2 × T) + 1.8639
where T is the temperature
TA = –55°C
2.457
2.485
2.512
V
TA = –40°C
2.292
2.318
2.343
TA = –30°C
2.181
2.205
2.230
TA = –20°C
2.069
2.092
2.116
TA = 0°C
1.842
1.864
1.886
TA = 25°C
1.556
1.574
1.592
TA = 50°C
1.255
1.279
1.303
TA = 85°C
0.833
0.859
0.884
TA = 130°C
0.272
0.303
0.335
Table 4.
Quadratic output equation for operations over the full voltage range
(VCC = 2.4V to 5.5V)
Parameter(1)
1.
VOUT tolerance is ±4% (temperature grade 9 only).
Conditions
Min
Max
Unit
Temperature error based on:
VOUT = (–3.88e
–6 × T2) + (–1.15e–2 × T) + 1.8639,
where T is the temperature
TA = –55°C
(2) (3)
2.
Valid for VCC min = 2.7V.
3.
Valid for temperature grade 7 only.
2.457
2.531
V
TA = –40°C
(2)
2.292
2.362
TA = –30°C
2.180
2.249
TA = –20°C
2.068
2.135
TA = 0°C
1.841
1.904
TA = 25°C
1.555
1.610
TA = 50°C
1.254
1.322
TA = 85°C
0.832
0.903
TA = 130°C
(3)
0.271
0.353



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com