Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLM20 Datasheet(PDF) 14 Page - STMicroelectronics

Part # STLM20
Description  Ultra-low current 2.4V precision analog temperature sensor
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLM20 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button STLM20 Datasheet HTML 8Page - STMicroelectronics STLM20 Datasheet HTML 9Page - STMicroelectronics STLM20 Datasheet HTML 10Page - STMicroelectronics STLM20 Datasheet HTML 11Page - STMicroelectronics STLM20 Datasheet HTML 12Page - STMicroelectronics STLM20 Datasheet HTML 13Page - STMicroelectronics STLM20 Datasheet HTML 14Page - STMicroelectronics STLM20 Datasheet HTML 15Page - STMicroelectronics STLM20 Datasheet HTML 16Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
Part numbering
STLM20
14/16
8
Part numbering
Table 10.
Ordering information scheme
For other options, or for more information on any aspect of this device, please contact the
ST sales office nearest you.
Example:
STLM20
DD
9
F
Device type
STLM20
Package
W8 = SOT323-5 (SC70-5)(1)
1.
Available in temperature grade 7 (-55 to 130°C) only.
DD= UDFN - ultra thin DFN 4-lead(2)
2.
Available in temperature grade 9 (-40 to 85°C) only.
Temperature range
7 = –55 to 130°C
9 = –40 to 85°C
Shipping method
F = ECOPACK® package, tape & reel
Table 11.
Marking description
Part number
Package
Marking
STLM20W8
SOT323-5(SC70-5)
M20
STLM20DD
UDFN
20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com