Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLM20 Datasheet(PDF) 15 Page - STMicroelectronics

Part # STLM20
Description  Ultra-low current 2.4V precision analog temperature sensor
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLM20 Datasheet(HTML) 15 Page - STMicroelectronics

Back Button STLM20 Datasheet HTML 8Page - STMicroelectronics STLM20 Datasheet HTML 9Page - STMicroelectronics STLM20 Datasheet HTML 10Page - STMicroelectronics STLM20 Datasheet HTML 11Page - STMicroelectronics STLM20 Datasheet HTML 12Page - STMicroelectronics STLM20 Datasheet HTML 13Page - STMicroelectronics STLM20 Datasheet HTML 14Page - STMicroelectronics STLM20 Datasheet HTML 15Page - STMicroelectronics STLM20 Datasheet HTML 16Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 15 / 16 page
background image
STLM20
Revision history
15/16
9
Revision history
Table 12.
Revision history
Date
Revision
Changes
28-Jun-2006
1
Initial release.
19-Jul-2006
2
Added Table 11: Marking description
28-Aug-2006
3
Added a footnote concerning package availability in Features on
page 1 and to Table 10 and Table 11; updated package mechanical
data in Table 9
05-Sep-2006
4
Amended text in the Features on page 1, Section 1: Description,
Section 2: Transfer function, Table 6, and Table 10 to elucidate that
two packages exist each with specific temperature ranges: SOT323-
5 (SC70-5) 5-lead package (–55 to 130°C) and UDFN 4-lead
package (–40 to 85°C)
25-Sep-2006
5
Updated Operating Temperature Ranges (now 7 and 9); updated
Table 6: DC and AC characteristics
10-Oct-2006
6
Table 3: Quadratic output equation (VCC = 2.7V) and Table 4:
Quadratic output equation for operations over the full voltage range
(VCC = 2.4V to 5.5V) added. Section 6: Typical operating
characteristics added.
TA added to Table 5: Absolute maximum ratings.
04-Dec-2006
7
Document status updated to full datasheet; updated text in the title of
Table 4: Quadratic output equation for operations over the full voltage
range (VCC = 2.4V to 5.5V); added footnotes regarding temperature
ranges in Table 10: Ordering information scheme.
08-Feb-2007
8
Added thermal resistance in Table 5: Absolute maximum ratings.
09-May-2007
9
Modified Equation 1, 2, and 3.
26-Nov-2007
10
Updated footnote 2 in Table 5; minor text updates.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com