Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST6208LN3/OTP Datasheet(PDF) 62 Page - STMicroelectronics

Part # ST6208LN3/OTP
Description  8-BIT MCUs WITH A/D CONVERTER, TWO TIMERS, OSCILLATOR SAFEGUARD & SAFE RESET
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST6208LN3/OTP Datasheet(HTML) 62 Page - STMicroelectronics

Back Button ST6208LN3/OTP Datasheet HTML 58Page - STMicroelectronics ST6208LN3/OTP Datasheet HTML 59Page - STMicroelectronics ST6208LN3/OTP Datasheet HTML 60Page - STMicroelectronics ST6208LN3/OTP Datasheet HTML 61Page - STMicroelectronics ST6208LN3/OTP Datasheet HTML 62Page - STMicroelectronics ST6208LN3/OTP Datasheet HTML 63Page - STMicroelectronics ST6208LN3/OTP Datasheet HTML 64Page - STMicroelectronics ST6208LN3/OTP Datasheet HTML 65Page - STMicroelectronics ST6208LN3/OTP Datasheet HTML 66Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 104 page
background image
ST6208C/ST6209C/ST6210C/ST6220C
62/104
10 ELECTRICAL CHARACTERISTICS
10.1 PARAMETER CONDITIONS
Unless otherwise specified, all voltages are re-
ferred to VSS.
10.1.1 Minimum and Maximum Values
Unless otherwise specified the minimum and max-
imum values are guaranteed in the worst condi-
tions of ambient temperature, supply voltage and
frequencies by tests in production on 100% of the
devices with an ambient temperature at TA=25°C
and TA=TAmax (given by the selected temperature
range).
Data based on characterization results, design
simulation and/or technology characteristics are
indicated in the table footnotes and are not tested
in production. Based on characterization, the min-
imum and maximum values refer to sample tests
and represent the mean value plus or minus three
times the standard deviation (mean±3
Σ).
10.1.2 Typical Values
Unless otherwise specified, typical data are based
on TA=25°C, VDD=5V (for the 4.5V≤VDD≤6.0V
voltage
range)
and
VDD=3.3V
(for
the
3V
≤V
DD≤3.6V voltage range). They are given only
as design guidelines and are not tested.
10.1.3 Typical Curves
Unless otherwise specified, all typical curves are
given only as design guidelines and are not tested.
10.1.4 Loading Capacitor
The loading conditions used for pin parameter
measurement is shown in Figure 36.
Figure 36. Pin Loading Conditions
10.1.5 Pin Input Voltage
The input voltage measurement on a pin of the de-
vice is described in Figure 37.
Figure 37. Pin Input Voltage
CL
ST6 PIN
VIN
ST6 PIN
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com