Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST6208LN3/OTP Datasheet(PDF) 71 Page - STMicroelectronics

Part # ST6208LN3/OTP
Description  8-BIT MCUs WITH A/D CONVERTER, TWO TIMERS, OSCILLATOR SAFEGUARD & SAFE RESET
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST6208LN3/OTP Datasheet(HTML) 71 Page - STMicroelectronics

Back Button ST6208LN3/OTP Datasheet HTML 67Page - STMicroelectronics ST6208LN3/OTP Datasheet HTML 68Page - STMicroelectronics ST6208LN3/OTP Datasheet HTML 69Page - STMicroelectronics ST6208LN3/OTP Datasheet HTML 70Page - STMicroelectronics ST6208LN3/OTP Datasheet HTML 71Page - STMicroelectronics ST6208LN3/OTP Datasheet HTML 72Page - STMicroelectronics ST6208LN3/OTP Datasheet HTML 73Page - STMicroelectronics ST6208LN3/OTP Datasheet HTML 74Page - STMicroelectronics ST6208LN3/OTP Datasheet HTML 75Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 104 page
background image
ST6208C/ST6209C/ST6210C/ST6220C
71/104
SUPPLY CURRENT CHARACTERISTICS (Cont’d)
10.4.4 Supply and Clock System
The previous current consumption specified for
the ST6 functional operating modes over tempera-
ture range does not take into account the clock
source current consumption. To get the total de-
vice consumption, the two current values must be
added (except for STOP mode).
10.4.5 On-Chip Peripherals
Notes:
1. Typical data are based on TA=25°C.
2. Data based on characterization results, not tested in production.
3. Data based on a differential IDD measurement between reset configuration (OSG and LFAO disabled) and LFAO run-
ning (also includes the OSG stand alone consumption).
4. Data based on a differential IDD measurement between reset configuration with OSG disabled and OSG enabled.
5. Data based on a differential IDD measurement between reset configuration with LVD disabled and LVD enabled.
6. Data based on a differential IDD measurement between reset configuration (timer disabled) and timer running.
7. Data based on a differential IDD measurement between reset configuration and continuous A/D conversions.
Symbol
Parameter
Conditions
Typ 1)
Max 2)
Unit
IDD(CK)
Supply current of RC oscillator
fOSC=32 kHz,
fOSC=1 MHz
fOSC=2 MHz
fOSC=4 MHz
fOSC=8 MHz
VDD=5.0 V
230
260
340
480
µA
fOSC=32 kHz,
fOSC=1 MHz
fOSC=2 MHz
fOSC=4 MHz
fOSC=8 MHz
VDD=3.3 V
80
110
180
320
Supply current of resonator oscillator
fOSC=32 kHz,
fOSC=1 MHz
fOSC=2 MHz
fOSC=4 MHz
fOSC=8MHz
VDD=5.0 V
900
280
240
140
40
fOSC=32 kHz,
fOSC=1 MHz
fOSC=2 MHz
fOSC=4 MHz
fOSC=8 MHz
VDD=3.3 V
120
70
50
20
10
IDD(LFAO) LFAO supply current
3)
VDD=5.0 V
102
IDD(OSG)
OSG supply current 4)
VDD=5.0 V
40
IDD(LVD)
LVD supply current 5)
VDD=5.0 V
170
Symbol
Parameter
Conditions
Typ 1)
Unit
IDD(TIM)
8-bit Timer supply current 6)
fOSC=8 MHz
VDD=5.0 V
170
µA
VDD=3.3 V
100
IDD(ADC)
ADC supply current when converting 7)
fOSC=8 MHz
VDD=5.0 V
80
VDD=3.3 V
50
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com