Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST6208LN3/OTP Datasheet(PDF) 82 Page - STMicroelectronics

Part # ST6208LN3/OTP
Description  8-BIT MCUs WITH A/D CONVERTER, TWO TIMERS, OSCILLATOR SAFEGUARD & SAFE RESET
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST6208LN3/OTP Datasheet(HTML) 82 Page - STMicroelectronics

Back Button ST6208LN3/OTP Datasheet HTML 78Page - STMicroelectronics ST6208LN3/OTP Datasheet HTML 79Page - STMicroelectronics ST6208LN3/OTP Datasheet HTML 80Page - STMicroelectronics ST6208LN3/OTP Datasheet HTML 81Page - STMicroelectronics ST6208LN3/OTP Datasheet HTML 82Page - STMicroelectronics ST6208LN3/OTP Datasheet HTML 83Page - STMicroelectronics ST6208LN3/OTP Datasheet HTML 84Page - STMicroelectronics ST6208LN3/OTP Datasheet HTML 85Page - STMicroelectronics ST6208LN3/OTP Datasheet HTML 86Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 104 page
background image
ST6208C/ST6209C/ST6210C/ST6220C
82/104
I/O PORT PIN CHARACTERISTICS (Cont’d)
10.8.2 Output Driving Current
Subject to general operating conditions for VDD, fOSC, and TA unless otherwise specified.
Notes:
1. The IIO current sunk must always respect the absolute maximum rating specified in Section 10.2.2 and the sum of IIO
(I/O ports and control pins) must not exceed IVSS.
2. The IIO current source must always respect the absolute maximum rating specified in Section 10.2.2 and the sum of
IIO (I/O ports and control pins) must not exceed IVDD. True open drain I/O pins does not have VOH.
Figure 63. Typical VOL at VDD = 5V (standard)
Figure 64. Typical VOL at VDD = 5V (high-sink)
Symbol
Parameter
Conditions
Min
Max
Unit
VOL
1)
Output low level voltage for a standard I/O pin
(see Figure 63 and Figure 66)
IIO=+10µA, TA≤125°C
0.1
V
IIO=+3mA, TA≤125°C
0.8
IIO=+5mA, TA≤85°C
0.8
IIO=+10mA, TA≤85°C
1.2
Output low level voltage for a high sink I/O pin
(see Figure 64 and Figure 67)
IIO=+10µA, TA≤125°C
0.1
IIO=+7mA, TA≤125°C
0.8
IIO=+10mA, TA≤85°C
0.8
IIO=+15mA, TA≤125°C
1.3
IIO=+20mA, TA≤85°C
1.3
IIO=+30mA, TA≤85°C
2
VOH
2)
Output high level voltage for an I/O pin
(see Figure 65 and Figure 68)
IIO=-10µA, TA≤125°C
VDD-0.1
IIO=-3mA, TA≤125°C
VDD-1.5
IIO=-5mA, TA≤85°C
VDD-1.5
02
4
6
8
10
Iio [mA]
0
200
400
600
800
1000
Vol [mV] at Vdd=5V
Ta=-40°C
Ta=25°C
Ta=95°C
Ta=125°C
04
8
12
16
20
Iio [mA]
0
0.2
0.4
0.6
0.8
1
Vol [V] at Vdd=5V
Ta=-40°C
Ta=25°C
Ta=95°C
Ta=125°C
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com