Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLM75M2F Datasheet(PDF) 8 Page - STMicroelectronics

Part # STLM75M2F
Description  Digital temperature sensor and thermal watchdog
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLM75M2F Datasheet(HTML) 8 Page - STMicroelectronics

Back Button STLM75M2F Datasheet HTML 4Page - STMicroelectronics STLM75M2F Datasheet HTML 5Page - STMicroelectronics STLM75M2F Datasheet HTML 6Page - STMicroelectronics STLM75M2F Datasheet HTML 7Page - STMicroelectronics STLM75M2F Datasheet HTML 8Page - STMicroelectronics STLM75M2F Datasheet HTML 9Page - STMicroelectronics STLM75M2F Datasheet HTML 10Page - STMicroelectronics STLM75M2F Datasheet HTML 11Page - STMicroelectronics STLM75M2F Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 37 page
background image
Description
STLM75
8/37
Figure 2.
Connections (SO8 and TSSOP8)
1.
SDA and OS/INT are open drain.
Figure 3.
Functional block diagram
Table 1.
Signal names
Pin
Sym
Type/direction
Description
1SDA(1)
1.
SDA and OS/INT are open drain.
Input/ Output
Serial data input/output
2
SCL
Input
Serial clock input
3OS/INT(1)
Output
Over-limit signal/interrupt alert output
4
GND
Supply ground
Ground
5A2
Input
Address2 Input
6A1
Input
Address1 Input
7A0
Input
Address0 Input
8VDD
Supply power
Supply voltage (2.7 V to 5.5 V)
1
A2
GND
A1
A0
SCL
SDA(1)
VDD
OS/INT(1)
AI11841
2
3
4
8
7
6
5
AI11833a
Temperature
Sensor and
Analog-to-Digital
Converter (ADC)
Σ-Δ
A1
A0
VDD
A2
GND
Configuration Register
SDA
SCL
OS/INT
2-wire I
2
C Interface
Pointer Register
Control and Logic
Comparator
Temperature Register
THYS Set Point Register
TOS Set Point Register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com