Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLM75M2F Datasheet(PDF) 12 Page - STMicroelectronics

Part # STLM75M2F
Description  Digital temperature sensor and thermal watchdog
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLM75M2F Datasheet(HTML) 12 Page - STMicroelectronics

Back Button STLM75M2F Datasheet HTML 8Page - STMicroelectronics STLM75M2F Datasheet HTML 9Page - STMicroelectronics STLM75M2F Datasheet HTML 10Page - STMicroelectronics STLM75M2F Datasheet HTML 11Page - STMicroelectronics STLM75M2F Datasheet HTML 12Page - STMicroelectronics STLM75M2F Datasheet HTML 13Page - STMicroelectronics STLM75M2F Datasheet HTML 14Page - STMicroelectronics STLM75M2F Datasheet HTML 15Page - STMicroelectronics STLM75M2F Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 37 page
background image
Operation
STLM75
12/37
2.2
Thermal alarm function
The STLM75 thermal alarm function provides user-programmable thermostat capability and
allows the STLM75 to function as a standalone thermostat without using the serial interface.
The OS output is the alarm output. This signal is an open drain output, and at power-up, this
pin is configured with active-low polarity by default.
2.3
Comparator mode
In comparator mode, each time a temperature-to-digital (T-to-D) conversion occurs, the new
digital temperature is compared to the value stored in the TOS and THYS registers. If a fault
tolerance number of consecutive temperature measurements are greater than the value
stored in the TOS register, the OS output will be asserted.
For example, if the FT1 and FT0 bits are equal to “10” (fault tolerance = 4), four consecutive
temperature measurements must exceed TOS to activate the OS output. Once the OS
output is active, it will remain active until the first time the measured temperature drops
below the temperature stored in the THYS register.
When the thermostat is in comparator mode, the OS can be programmed to operate with
any amount of hysteresis. The OS output becomes active when the measured temperature
exceeds the TOS value a consecutive number of times as defined by the FT1 and FT0 fault
tolerance (FT) bits in the configuration register. The OS then stays active when the
temperature falls below the value stored in THYS register for a consecutive number of times
as defined by the fault tolerance bits (FT1 and FT0). Putting the device into shutdown mode
does not clear OS in comparator mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com