Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLM75M2F Datasheet(PDF) 17 Page - STMicroelectronics

Part # STLM75M2F
Description  Digital temperature sensor and thermal watchdog
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLM75M2F Datasheet(HTML) 17 Page - STMicroelectronics

Back Button STLM75M2F Datasheet HTML 13Page - STMicroelectronics STLM75M2F Datasheet HTML 14Page - STMicroelectronics STLM75M2F Datasheet HTML 15Page - STMicroelectronics STLM75M2F Datasheet HTML 16Page - STMicroelectronics STLM75M2F Datasheet HTML 17Page - STMicroelectronics STLM75M2F Datasheet HTML 18Page - STMicroelectronics STLM75M2F Datasheet HTML 19Page - STMicroelectronics STLM75M2F Datasheet HTML 20Page - STMicroelectronics STLM75M2F Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 37 page
background image
STLM75
Functional description
17/37
3.1.2
Configuration register
The configuration register is used to store the device settings such as device operation
mode, OS operation mode, OS polarity, and OS fault queue.
The configuration register allows the user to program various options such as thermostat
fault tolerance, thermostat polarity, thermostat operating mode, and shutdown mode. The
user has READ/WRITE access to all of the bits in the configuration register except the MSB
(Bit7), which is reserved as a “Read only” bit (see Table 6). The entire register is volatile and
thus powers-up in its default state only.
Table 5.
Register pointers selection summary
Pointer
value (H)
P1
P0
Name
Description
Width
(bits)
Type
(R/W)
Power-
on
default
Comments
00
0
0
TEMP
Temperature
register
16
Read-
only
N/A
To store measured
temperature data
01
0
1
CONF
Configuration
register
8R/W
00
02
1
0
THYS
Hysteresis
register
16
R/W
4B00
Default = 75°C
03
1
1
TOS
Over-
temperature
shutdown
16
R/W
5000
Set point for over-
temperature shutdown
(TOS) limit default = 80°C
Table 6.
Configuration register format
Byte
MSB
LSB
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
STLM75
Reserved
0
0
FT1
FT0
POL
M
SD
Default
00000000
Keys: SD = shutdown control bit
FT1 = fault tolerance1 bit
M = thermostat mode(1)
1.
Indicates operation mode; 0 = comparator mode, and 1 = interrupt mode (see Comparator mode and
Interrupt mode on page 13).
Bit 5 = must be set to '0'.
POL = output polarity(2)
2.
The OS is active-low ('0').
Bit 6 = must be set to '0'.
FT0 = fault tolerance0 bit
Bit 7 = must be set to '0'. Reserved.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com