Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM692A Datasheet(PDF) 1 Page - STMicroelectronics

Part # STM692A
Description  5V Supervisor with Battery Switchover
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM692A Datasheet(HTML) 1 Page - STMicroelectronics

  STM692A Datasheet HTML 1Page - STMicroelectronics STM692A Datasheet HTML 2Page - STMicroelectronics STM692A Datasheet HTML 3Page - STMicroelectronics STM692A Datasheet HTML 4Page - STMicroelectronics STM692A Datasheet HTML 5Page - STMicroelectronics STM692A Datasheet HTML 6Page - STMicroelectronics STM692A Datasheet HTML 7Page - STMicroelectronics STM692A Datasheet HTML 8Page - STMicroelectronics STM692A Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 37 page
background image
1/37
January 2006
STM690A, STM692A, STM703
STM704, STM802, STM805, STM817/8/9
5V Supervisor with Battery Switchover
* Contact local ST sales office for availability.
Rev 7.0
FEATURES SUMMARY
■
5V OPERATING VOLTAGE
■
NVRAM SUPERVISOR FOR EXTERNAL
LPSRAM
■
CHIP-ENABLE GATING (STM818 only) FOR
EXTERNAL LPSRAM (7ns max PROP
DELAY)
■
RST AND RST OUTPUTS
■
200ms (TYP) trec
■
WATCHDOG TIMER - 1.6sec (TYP)
■
AUTOMATIC BATTERY SWITCHOVER
■
LOW BATTERY SUPPLY CURRENT - 0.4µA
(TYP)
■
POWER-FAIL COMPARATOR (PFI/PFO)
■
LOW SUPPLY CURRENT - 40µA (TYP)
■
GUARANTEED RST (RST) ASSERTION
DOWN TO VCC = 1.0V
■
OPERATING TEMPERATURE:
–40°C to 85°C (Industrial Grade)
■
RoHS COMPLIANCE
Lead-free components are compliant with the
RoHS Directive.
Figure 1. Packages
Table 1. Device Options
Note: 1. All RST and RST outputs are push-pull.
8
1
SO8 (M)
TSSOP8 3x3 (DS)*
Watchdog
Input
Active-
Low
RST(1)
Active-
High
RST(1)
Manual
Reset
Input
Battery
Switch-
over
Power-fail
Comparator
Chip-
Enable
Gating
Battery
Freshness
Seal
STM690A
✔✔
✔
✔
STM692A
✔✔
✔
✔
STM703
✔✔
✔
✔
STM704
✔✔
✔
✔
STM802L/M
✔✔
✔
✔
STM805L
✔✔
✔
✔
STM817L/M
✔✔
✔
✔
✔
STM818L/M
✔✔
✔
✔
✔
STM819L/M
✔✔
✔
✔
✔


Similar Part No. - STM692A

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STM692A STMICROELECTRONICS-STM692A Datasheet
1Mb / 43P
5 V supervisor with battery switchover
18-Aug-2010
STM692ADS6E STMICROELECTRONICS-STM692ADS6E Datasheet
1Mb / 43P
5 V supervisor with battery switchover
18-Aug-2010
STM692ADS6F STMICROELECTRONICS-STM692ADS6F Datasheet
1Mb / 43P
5 V supervisor with battery switchover
18-Aug-2010
STM692AM6E STMICROELECTRONICS-STM692AM6E Datasheet
1Mb / 43P
5 V supervisor with battery switchover
18-Aug-2010
STM692AM6F STMICROELECTRONICS-STM692AM6F Datasheet
1Mb / 43P
5 V supervisor with battery switchover
18-Aug-2010
More results

Similar Description - STM692A

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STM690 STMICROELECTRONICS-STM690 Datasheet
445Kb / 31P
3V Supervisor with Battery Switchover
31-Oct-2003
STM705 STMICROELECTRONICS-STM705 Datasheet
530Kb / 27P
5V Supervisor
Mar-2005
STM1403 STMICROELECTRONICS-STM1403 Datasheet
162Kb / 9P
3V FIPS-140 Security Supervisor with Battery Switchover
Oct-2005
STM1404 STMICROELECTRONICS-STM1404 Datasheet
199Kb / 9P
Security Supervisor with Battery Switchover
Jan-2006
M41T82 STMICROELECTRONICS-M41T82 Datasheet
453Kb / 58P
Serial RTC with battery switchover
08-Mar-2007
STM690 STMICROELECTRONICS-STM690_06 Datasheet
657Kb / 32P
3V Supervisor with Battery Switchover
31-Oct-2003
STM1403 STMICROELECTRONICS-STM1403_08 Datasheet
361Kb / 34P
3 V FIPS-140 security supervisor with battery switchover
20-Aug-2008
STM1404 STMICROELECTRONICS-STM1404_08 Datasheet
370Kb / 35P
3 V FIPS-140 security supervisor with battery switchover
21-Aug-2008
STM690 STMICROELECTRONICS-STM690_10 Datasheet
960Kb / 42P
3 V supervisor with battery switchover
18-Aug-2010
STM690A STMICROELECTRONICS-STM690A_10 Datasheet
1Mb / 43P
5 V supervisor with battery switchover
18-Aug-2010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com