Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM692A Datasheet(PDF) 27 Page - STMicroelectronics

Part # STM692A
Description  5V Supervisor with Battery Switchover
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM692A Datasheet(HTML) 27 Page - STMicroelectronics

Back Button STM692A Datasheet HTML 23Page - STMicroelectronics STM692A Datasheet HTML 24Page - STMicroelectronics STM692A Datasheet HTML 25Page - STMicroelectronics STM692A Datasheet HTML 26Page - STMicroelectronics STM692A Datasheet HTML 27Page - STMicroelectronics STM692A Datasheet HTML 28Page - STMicroelectronics STM692A Datasheet HTML 29Page - STMicroelectronics STM692A Datasheet HTML 30Page - STMicroelectronics STM692A Datasheet HTML 31Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 37 page
background image
27/37
STM690A/692A/703/704/802/805/817/818/819
MAXIMUM RATING
Stressing the device above the rating listed in the
Absolute Maximum Ratings” table may cause per-
manent damage to the device. These are stress
ratings only and operation of the device at these or
any other conditions above those indicated in the
Operating sections of this specification is not im-
plied. Exposure to Absolute Maximum Rating con-
ditions for extended periods may affect device
reliability. Refer also to the STMicroelectronics
SURE Program and other relevant quality docu-
ments.
Table 5. Absolute Maximum Ratings
Note: 1. Reflow at peak temperature of 255°C to 260°C for < 30 seconds (total thermal budget not to exceed 180°C for between 90 to 150
seconds).
DC AND AC PARAMETERS
This section summarizes the operating measure-
ment conditions, and the DC and AC characteris-
tics of the device. The parameters in the DC and
AC characteristics Tables that follow, are derived
from tests performed under the Measurement
Conditions summarized in Table 6, Operating and
AC Measurement Conditions. Designers should
check that the operating conditions in their circuit
match the operating conditions when relying on
the quoted parameters.
Table 6. Operating and AC Measurement Conditions
Symbol
Parameter
Value
Unit
TSTG
Storage Temperature (VCC Off)
–55 to 150
°C
TSLD
(1)
Lead Solder Temperature for 10 seconds
260
°C
VIO
Input or Output Voltage
–0.3 to VCC +0.3
V
VCC/VBAT
Supply Voltage
–0.3 to 6.0
V
IO
Output Current
20
mA
PD
Power Dissipation
320
mW
Parameter
STM690A/692A/703/704/802/
805/817/818/819
Unit
VCC/VBAT Supply Voltage
1.0 to 5.5
V
Ambient Operating Temperature (TA)
–40 to 85
°C
Input Rise and Fall Times
≤ 5ns
Input Pulse Voltages
0.2 to 0.8VCC
V
Input and Output Timing Ref. Voltages
0.3 to 0.7VCC
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com