Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM692A Datasheet(PDF) 29 Page - STMicroelectronics

Part # STM692A
Description  5V Supervisor with Battery Switchover
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM692A Datasheet(HTML) 29 Page - STMicroelectronics

Back Button STM692A Datasheet HTML 25Page - STMicroelectronics STM692A Datasheet HTML 26Page - STMicroelectronics STM692A Datasheet HTML 27Page - STMicroelectronics STM692A Datasheet HTML 28Page - STMicroelectronics STM692A Datasheet HTML 29Page - STMicroelectronics STM692A Datasheet HTML 30Page - STMicroelectronics STM692A Datasheet HTML 31Page - STMicroelectronics STM692A Datasheet HTML 32Page - STMicroelectronics STM692A Datasheet HTML 33Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 37 page
background image
29/37
STM690A/692A/703/704/802/805/817/818/819
Table 7. DC and AC Characteristics
Sym
Alter-
native
Description
Test Condition(1)
Min
Typ
Max
Unit
VCC,
VBAT
(2)
Operating Voltage
TA = –40 to +85°C
1.2(3)
5.5
V
ICC
VCC Supply Current
Excluding IOUT (VCC < 5.5V)
25
60
µA
VCC Supply Current in
Battery Back-up Mode
Excluding IOUT (VBAT = 2.3V,
VCC = 2.0V, MR = VCC)
25
35
µA
IBAT
(4)
VBAT Supply Current in
Battery Back-up Mode
Excluding IOUT (VBAT = 3.6V)
0.4
1.0
µA
VOUT1
VOUT Voltage (Active)
IOUT1 = 5mA
(5)
VCC –
0.03
VCC –
0.015
V
IOUT1 = 75mA
VCC –
0.3
VCC –
0.15
V
IOUT1 = 250µA, VCC > 2.5V
(5)
VCC –
0.0015
VCC –
0.0006
V
VOUT2
VOUT Voltage (Battery
Back-up)
IOUT2 = 250µA, VBAT = 2.3V
VBAT –
0.1
VBAT –
0.034
V
IOUT2 = 1mA, VBAT = 2.3V
VBAT –
0.14
V
VCC to VOUT On-resistance
34
Ω
VBAT to VOUT On-resistance
100
Ω
ILI
Input Leakage Current (MR)
4.5V < VCC < 5.5V
75
125
300
µA
Input Leakage Current (PFI)
0V = VIN = VCC
–25
2
+25
nA
Input Leakage Current
(WDI)(6)
WDI = VCC, time average
120
160
µA
WDI = GND, time average
–20
–15
µA
VIH
Input High Voltage (MR)
4.5V < VCC < 5.5V
2.0
V
VIH
Input High Voltage (WDI)
VRST (max) < VCC < 5.5V
0.7VCC
V
VIL
Input Low Voltage (MR)
4.5V < VCC < 5.5V
0.8
V
VIL
Input Low Voltage (WDI)
VRST (max) < VCC < 5.5V
0.3VCC
V
VOL
Output Low Voltage (PFO,
RST, RST)
VCC = VRST (max), ISINK =
3.2mA
0.3
V
Output Low Voltage (ECON)
VCC = VRST (max),
IOUT = 1.6mA, E = 0V
0.2VCC
V
VOL
Output Low Voltage (RST)
ISINK = 50µA, VCC = 1.0V,
VBAT = VCC, TA = 0°C to 85°C
0.3
V
ISINK = 100µA, VCC = 1.2V,
VBAT = VCC
0.3
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com