Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7407TR Datasheet(PDF) 27 Page - STMicroelectronics

Part # TDA7407TR
Description  Advanced car signal processor
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7407TR Datasheet(HTML) 27 Page - STMicroelectronics

Back Button TDA7407TR Datasheet HTML 23Page - STMicroelectronics TDA7407TR Datasheet HTML 24Page - STMicroelectronics TDA7407TR Datasheet HTML 25Page - STMicroelectronics TDA7407TR Datasheet HTML 26Page - STMicroelectronics TDA7407TR Datasheet HTML 27Page - STMicroelectronics TDA7407TR Datasheet HTML 28Page - STMicroelectronics TDA7407TR Datasheet HTML 29Page - STMicroelectronics TDA7407TR Datasheet HTML 30Page - STMicroelectronics TDA7407TR Datasheet HTML 31Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 46 page
background image
TDA7407
Multipath detector
27/46
Figure 19.
Signals during stereo decoder's softmute
Figure 20.
Internal Stereoblend characteristics
If any other source than the stereo decoder is selected the decoder remains muted and the
MPX pin is connected to Vref to avoid any discharge of the coupling capacitor through
leakage currents.
5.2.2
Ingain + Infilter
The Ingain stage allows to adjust the MPX signal to a magnitude of about 1Vrms internally
which is the recommended value. The 4th order input filter has a corner frequency of 80KHz
and is used to attenuate spikes and nose and acts as an anti allasing filter for the following
switch capacitor filters.
5.2.3
Demodulator
In the demodulator block the left and the right channel are separated from the MPX signal.
In this stage also the 19 kHz pilot tone is cancelled. For reaching a high channel separation
the TDA7407 offers an I2C bus programmable roll-off adjustment which is able to
compensate the lowpass behaviour of the tuner section. If the tuner attenuation at 38kHz is
in a range from 4.2% to 31.0% the TDA7407 needs no external network in front of the MPX
pin. Within this range an adjustment to obtain at least 40dB channel separation is possible.
The bits for this adjustment are located together with the fieldstrength adjustment in one
byte. This gives the possibility to perform an optimization step during the production of the
car radio where the channel separation and the fieldstrength control are trimmed.
SOFTMUTE
COMMAND
STD MUTE
VO
t
D97AU638
t
t
-50
-45
-40
-35
-30
-25
-20
-15
-10
-5
0
012
LEVELINTERN [V]
CS [dB]
345



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com