Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7407TR Datasheet(PDF) 36 Page - STMicroelectronics

Part # TDA7407TR
Description  Advanced car signal processor
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7407TR Datasheet(HTML) 36 Page - STMicroelectronics

Back Button TDA7407TR Datasheet HTML 32Page - STMicroelectronics TDA7407TR Datasheet HTML 33Page - STMicroelectronics TDA7407TR Datasheet HTML 34Page - STMicroelectronics TDA7407TR Datasheet HTML 35Page - STMicroelectronics TDA7407TR Datasheet HTML 36Page - STMicroelectronics TDA7407TR Datasheet HTML 37Page - STMicroelectronics TDA7407TR Datasheet HTML 38Page - STMicroelectronics TDA7407TR Datasheet HTML 39Page - STMicroelectronics TDA7407TR Datasheet HTML 40Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 46 page
background image
Data byte specification
TDA7407
36/46
7
Data byte specification
After power on reset all register are set to 11111110
Table 13.
Input selector (subaddress 0H)
MSB
LSB
Function
D7
D6
D5
D4
D3
D2
D1
D0
0
0
0
0
1
1
1
1
0
0
1
1
0
0
1
1
0
1
0
1
0
1
0
1
Source selector
CD
Cassette
Phone
AM
Stereo Decoder
AC Inputs Front
Mute
AC inputs Rear
0
0
:
1
1
0
0
:
1
1
0
0
:
1
1
0
1
:
0
1
In-Gain
15dB
14dB
:
1 dB
0 dB
0
1
Coupl. front speaker
external
internal
Table 14.
Volume and speaker attenuation (subaddress 1H, 4H, 5H, 6H, 7H)
MSB
LSB
Function
D7
D6
D5
D4
D3
D2
D1
D0
1
:
1
1
0
:
0
0
0
:
0
0
1
:
1
1
1
:
0
0
1
:
0
0
1
:
0
0
1
:
1
0
not used configurations
1
:
1
0
0
0
:
0
0
:
0
0
0
:
0
0
0
0
:
0
0
:
1
1
0
:
0
0
0
0
:
0
0
:
0
0
0
:
0
0
0
0
:
0
1
:
0
0
1
:
0
0
0
0
:
1
0
:
1
1
1
:
0
0
0
0
:
1
0
:
1
1
1
:
0
0
0
0
:
1
0
:
1
1
1
:
1
0
0
1
:
1
0
:
0
1
+15dB
:
+1dB
0dB
0dB
-1dB
:
-15dB
-16dB
:
-78dB
-79dB
X
1
1
X
XX
XX
Mute



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com