Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7407TR Datasheet(PDF) 38 Page - STMicroelectronics

Part # TDA7407TR
Description  Advanced car signal processor
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7407TR Datasheet(HTML) 38 Page - STMicroelectronics

Back Button TDA7407TR Datasheet HTML 34Page - STMicroelectronics TDA7407TR Datasheet HTML 35Page - STMicroelectronics TDA7407TR Datasheet HTML 36Page - STMicroelectronics TDA7407TR Datasheet HTML 37Page - STMicroelectronics TDA7407TR Datasheet HTML 38Page - STMicroelectronics TDA7407TR Datasheet HTML 39Page - STMicroelectronics TDA7407TR Datasheet HTML 40Page - STMicroelectronics TDA7407TR Datasheet HTML 41Page - STMicroelectronics TDA7407TR Datasheet HTML 42Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 46 page
background image
Data byte specification
TDA7407
38/46
1 Only for Bass Q-Factor = 2.0
Table 17.
Soft mute and bass programming (subaddress 8H)
MSB
LSB
Function
D7
D6
D5
D4
D3
D2
D1
D0
0
1
0
0
1
1
0
1
0
1
0
1
Mute
Enable Soft Mute
Disable Soft Mute
Mutetime = 0.48ms
Mutetime = 0.96ms
Mutetime = 40.4ms
Mutetime = 324ms
Stereo decoder Soft Mute Influence = on
Stereo decoder Soft Mute Influence = off
0
0
1
1
1
0
1
0
1
1
Bass center frequency
Center Frequency = 60 Hz
Center Frequency = 70 Hz
Center Frequency = 80 Hz
Center Frequency = 100Hz
Center Frequency = 150Hz
0
0
1
1
0
1
0
1
Noise blanker time
38ms
25.5ms
32ms
22ms
Table 18.
Stereo decoder (subaddress 9H)
MSB
LSB
Function
D7
D6
D5
D4
D3
D2
D1
D0
0
1
STD Unmuted
STD Muted
0
0
1
1
0
1
0
1
In Gain 11dB
In Gain 8.5dB
In Gain 6dB
In Gain 3.5dB
0
1
Stereo decoder = on
Stereo decoder = off
0
1
Forced Mono
Mono/Stereo switch automatically
0
1
Noiseblanker PEAK charge current low
Noiseblanker PEAK charge current high
0
1
Pilot Threshold HIGH
Pilot Threshold LOW
0
1
De-emphasis 50
μs
De-emphasis 75
μs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com