Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7438 Datasheet(PDF) 9 Page - STMicroelectronics

Part # TDA7438
Description  THREE BANDS DIGITALLY CONTROLLED AUDIO PROCESSOR
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7438 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button TDA7438 Datasheet HTML 5Page - STMicroelectronics TDA7438 Datasheet HTML 6Page - STMicroelectronics TDA7438 Datasheet HTML 7Page - STMicroelectronics TDA7438 Datasheet HTML 8Page - STMicroelectronics TDA7438 Datasheet HTML 9Page - STMicroelectronics TDA7438 Datasheet HTML 10Page - STMicroelectronics TDA7438 Datasheet HTML 11Page - STMicroelectronics TDA7438 Datasheet HTML 12Page - STMicroelectronics TDA7438 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 19 page
background image
9/19
TDA7438
Figure 15. Acknowledge on the I2CBUS
5
SOFTWARE SPECIFICATION
Interface Protocol
The interface protocol comprises:
A start condition (S)
A chip address byte, containing the TDA7438 address
A subaddress bytes
A sequence of data (N byte + acknowledge)
Figure 16.
ACK = Acknowledge
S = Start
P = Stop
A = Address
B = Auto Increment
5.1 EXAMPLES
5.1.1 No Incremental Bus
The TDA7438 receives a start condition, the correct chip address, a subaddress with the B = 0 (no incre-
mental bus), N-data (all these data concern the subaddress selected), a stop condition.
Figure 17.
5.1.2 Incremental Bus
The TDA7438 receive a start conditions, the correct chip address, a subaddress with the B = 1 (incremen-
tal bus): now it is in a loop condition with an autoincrease of the subaddress whereas SUBADDRESS from
"XXX1000" to "XXX1111" of DATA are ignored.The DATA 1 concern the subaddress sent, and the DATA
2 concern the subaddress sent plus one in the loop etc, and at the end it receivers the stop condition
SCL
1
MSB
23789
SDA
START
ACKNOWLEDGMENT
FROM RECEIVER
D99AU1033
S
1
0
0
0
1
0
0
0
ACK
ACK
DATA
ACK
P
MSB
LSB
MSB
LSB
MSB
LSB
CHIP ADDRESS
D96AU420
X
DATA
SUBADDRESS
DATA 1 to DATA n
X
X
B
S
1
0
0
0
1
0
0
0
ACK
ACK
DATA
ACK
P
MSB
LSB
MSB
LSB
MSB
LSB
CHIP ADDRESS
D96AU421
X
D3
SUBADDRESS
DATA
X
X
0
D2 D1 D0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com