Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7438 Datasheet(PDF) 12 Page - STMicroelectronics

Part # TDA7438
Description  THREE BANDS DIGITALLY CONTROLLED AUDIO PROCESSOR
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7438 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button TDA7438 Datasheet HTML 8Page - STMicroelectronics TDA7438 Datasheet HTML 9Page - STMicroelectronics TDA7438 Datasheet HTML 10Page - STMicroelectronics TDA7438 Datasheet HTML 11Page - STMicroelectronics TDA7438 Datasheet HTML 12Page - STMicroelectronics TDA7438 Datasheet HTML 13Page - STMicroelectronics TDA7438 Datasheet HTML 14Page - STMicroelectronics TDA7438 Datasheet HTML 15Page - STMicroelectronics TDA7438 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 19 page
background image
TDA7438
12/19
Table 10. BASS SELECTION
Table 11. MIDDLE SELECTION
MSB
LSB
BASS
D7
D6
D5
D4
D3
D2
D1
D0
2dB STEPS
0
0
0
0
-14dB
0
0
0
1
-12dB
0
0
1
0
-10dB
001
1
-8dB
010
0
-6dB
010
1
-4dB
011
0
-2dB
011
1
0dB
111
1
0dB
111
0
2dB
110
1
4dB
110
0
6dB
101
1
8dB
101
0
10dB
100
1
12dB
100
0
14dB
MSB
LSB
MIDDLE
D7
D6
D5
D4
D3
D2
D1
D0
2dB STEPS
00
00
-14dB
00
01
-12dB
00
10
-10dB
00
11
-8dB
01
00
-6dB
01
01
-4dB
01
10
-2dB
01
11
0dB
11
11
0dB
11
10
2dB
11
01
4dB
11
00
6dB
10
11
8dB
10
10
10dB
10
01
12dB
10
00
14dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com