Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7438 Datasheet(PDF) 13 Page - STMicroelectronics

Part # TDA7438
Description  THREE BANDS DIGITALLY CONTROLLED AUDIO PROCESSOR
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7438 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button TDA7438 Datasheet HTML 9Page - STMicroelectronics TDA7438 Datasheet HTML 10Page - STMicroelectronics TDA7438 Datasheet HTML 11Page - STMicroelectronics TDA7438 Datasheet HTML 12Page - STMicroelectronics TDA7438 Datasheet HTML 13Page - STMicroelectronics TDA7438 Datasheet HTML 14Page - STMicroelectronics TDA7438 Datasheet HTML 15Page - STMicroelectronics TDA7438 Datasheet HTML 16Page - STMicroelectronics TDA7438 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 19 page
background image
13/19
TDA7438
Table 12. TREBLE SELECTION
Table 13. SPEAKER ATTENUATE SELECTION
SPEAKER ATTENUATION = 0 to -79dB/MUTE
MSB
LSB
TREBLE
D7
D6
D5
D4
D3
D2
D1
D0
2dB STEPS
0
0
0
0
-14dB
0
0
0
1
-12dB
0
0
1
0
-10dB
001
1
-8dB
010
0
-6dB
010
1
-4dB
011
0
-2dB
011
1
0dB
111
1
0dB
111
0
2dB
110
1
4dB
110
0
6dB
101
1
8dB
101
0
10dB
100
1
12dB
100
0
14dB
MSB
LSB
SPEAKER ATTENUATION
D7
D6
D5
D4
D3
D2
D1
D0
1dB
000
0dB
001
-1dB
010
-2dB
011
-3dB
100
-4dB
101
-5dB
110
-6dB
111
-7dB
000
0
0dB
000
1
-8dB
0
0
1
0
-16dB
0
0
1
1
-24dB
0
1
0
0
-32dB
0
1
0
1
-40dB
0
1
1
0
-48dB
0
1
1
1
-56dB
1
0
0
0
-64dB
1
0
0
1
-72dB
111
1
X
X
X
MUTE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com