Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STCF03ITBR Datasheet(PDF) 17 Page - STMicroelectronics

Part # STCF03ITBR
Description  High power white LED driver with I2CTM interface
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STCF03ITBR Datasheet(HTML) 17 Page - STMicroelectronics

Back Button STCF03ITBR Datasheet HTML 13Page - STMicroelectronics STCF03ITBR Datasheet HTML 14Page - STMicroelectronics STCF03ITBR Datasheet HTML 15Page - STMicroelectronics STCF03ITBR Datasheet HTML 16Page - STMicroelectronics STCF03ITBR Datasheet HTML 17Page - STMicroelectronics STCF03ITBR Datasheet HTML 18Page - STMicroelectronics STCF03ITBR Datasheet HTML 19Page - STMicroelectronics STCF03ITBR Datasheet HTML 20Page - STMicroelectronics STCF03ITBR Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 33 page
background image
Introduction
STCF03I
17/33
7.8
Writing to a single register
Writing to a single register starts with a START bit followed by the 7 bit device address of
STCF03I. The 8th bit is the R/W bit, which is 0 in this case. R/W = 1 means a reading
operation. Then the master waits for an acknowledge from STCF03I. Then the 8 bit address
of register is sent to STCF03I. It is also followed by an acknowledge pulse. The last
transmitted byte is the data that is going to be written to the register. It is again followed by
an acknowledge pulse from STCF03I. The master then generates a STOP bit and the
communication is over. See Figure 8 below.
7.9
Interface protocol
The interface protocol is composed of (Table 8):
- A start condition (START)
- A Device address + R/W bit (read =1 / write =0)
- A Register address byte
- A sequence of data n* (1 byte + acknowledge)
- A stop condition (STOP)
Table 8. Interface protocol
Device address + R/W bit
Register address
Data
765
4
3
2
1
0
7
6
5
4
3210
765
4
321
0
S
T
A
R
T
M
S
B
L
S
B
R
W
A
C
K
M
S
B
L
S
B
A
C
K
M
S
B
L
S
B
A
C
K
S
T
O
P
Figure 8.
Writing to a single register
S
T
A
R
T
DEVICE
ADDRESS
7 bits
A
C
K
W
R
I
T
E
M
S
B
L
S
B
R
/
W
A
C
K
ADDRESS OF
REGISTER
DATA
A
C
K
A
C
K
S
T
O
P
M
S
B
M
S
B
L
S
B
L
S
B
SDA LINE
S
T
A
R
T
DEVICE
ADDRESS
7 bits
A
C
K
W
R
I
T
E
M
S
B
L
S
B
R
/
W
A
C
K
ADDRESS OF
REGISTER
DATA
A
C
K
A
C
K
S
T
O
P
M
S
B
M
S
B
L
S
B
L
S
B
S
T
A
R
T
DEVICE
ADDRESS
7 bits
A
C
K
W
R
I
T
E
M
S
B
L
S
B
R
/
W
A
C
K
ADDRESS OF
REGISTER
DATA
A
C
K
A
C
K
S
T
O
P
M
S
B
M
S
B
L
S
B
L
S
B
SDA LINE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com