Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STCF03ITBR Datasheet(PDF) 20 Page - STMicroelectronics

Part # STCF03ITBR
Description  High power white LED driver with I2CTM interface
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STCF03ITBR Datasheet(HTML) 20 Page - STMicroelectronics

Back Button STCF03ITBR Datasheet HTML 16Page - STMicroelectronics STCF03ITBR Datasheet HTML 17Page - STMicroelectronics STCF03ITBR Datasheet HTML 18Page - STMicroelectronics STCF03ITBR Datasheet HTML 19Page - STMicroelectronics STCF03ITBR Datasheet HTML 20Page - STMicroelectronics STCF03ITBR Datasheet HTML 21Page - STMicroelectronics STCF03ITBR Datasheet HTML 22Page - STMicroelectronics STCF03ITBR Datasheet HTML 23Page - STMicroelectronics STCF03ITBR Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 33 page
background image
Description of internal registers
STCF03I
20/33
8
Description of internal registers
8.1
PWR_ON
When set, it activates all analog and power internal blocks including the NTC supporting
circuit, and the device is ready to operate (Ready Mode). As long as PWR_ON=0, only the
I2C interface is active, minimizing Stand-by Mode power consumption.
8.2
TRIG_EN
This bit is AND-ed with the TRIG pin to generate the internal signal FL_ON that activates
Flash Mode. By this way, both soft-triggering and hard-triggering of the Flash are made
possible. If soft-triggering (through I2C) is chosen, the TRIG pin is not used and must be
kept HIGH (VI). If hard-triggering is chosen, then the TRIG pin has to be connected to a µP
I/O devoted to Flash timing control, and the TRIG_EN bit must be set in advance. Both
triggering modes can benefit of the internal Flash Time Counter, that uses the TRIG_EN bit
and can work either as a safety shut-down timer or as a Flash duration timer. Flash mode
can start only if PWR_ON=1. LED current is controlled by the value set by the FDIM_0~3 of
the DIM_REG.
8.3
TCH_ON
When set from Ready Mode, the STCF03I enters Torch mode. The LED current is controlled
by the value set by the TDIM_0~3 of the DIM_REG.
8.4
NTC_ON
When the NTC_ON bit is set to HIGH and the device is in Ready mode, then the
comparators that monitor the LED temperature are activated. NTC-related blocks are always
active regardless of this bit in Torch mode and Flash mode.
Table 9. I2C Register mapping function
Register name
SUB ADDRESS (hex)
Operation
CMD_REG
00
R / W
DIM_REG
01
R / W
AUX_REG
02
R / W
STAT_REG
03
R only
Table 10. Command register
CMD_REG
(write mode)
MSB
LSB
SUB ADD=00
PWR_ON
TRIG_EN
TCH_ON
NTC_ON
FTIM_3
FTIM_2
FTIM_1
FTIM_0
Power ON
RESET Value
0
0
000
0
0
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com