Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STCF03ITBR Datasheet(PDF) 26 Page - STMicroelectronics

Part # STCF03ITBR
Description  High power white LED driver with I2CTM interface
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STCF03ITBR Datasheet(HTML) 26 Page - STMicroelectronics

Back Button STCF03ITBR Datasheet HTML 22Page - STMicroelectronics STCF03ITBR Datasheet HTML 23Page - STMicroelectronics STCF03ITBR Datasheet HTML 24Page - STMicroelectronics STCF03ITBR Datasheet HTML 25Page - STMicroelectronics STCF03ITBR Datasheet HTML 26Page - STMicroelectronics STCF03ITBR Datasheet HTML 27Page - STMicroelectronics STCF03ITBR Datasheet HTML 28Page - STMicroelectronics STCF03ITBR Datasheet HTML 29Page - STMicroelectronics STCF03ITBR Datasheet HTML 30Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 33 page
background image
Detailed description
STCF03I
26/33
9.5
External (µP) temporization using TRIG_EN bit
Even if it is possible, it is not recommended to use the TRIG_EN bit to start and stop the
Flash operation, because of I2C bus latencies: this would result in inaccurate Flash timing.
Nevertheless, if this operation mode is chosen, the TRIG pin has to be kept High (logic level
or wired to VBAT), leaving the whole flash control to the I
2C bus. Also in this operation mode
the Time Counter will Time-out Flash operation and keep the energy dissipated by the LED
within safe limits in case of SW deadlock.
9.6
Single Flash using internal temporization
Flash triggering can be obtained either by TRIG pin (hard-triggering) or by I2C commands
(soft-triggering). The first solution is recommended for an accurate start time, while the
second is less accurate because of the I2C bus time latency. Stop time is defined by the
STCF03I internal temporization and its accuracy is determined by the internal oscillator. For
hard-triggering, it is necessary to set the TRIG_EN bit in advance. For soft-triggering, the
TRIG pin has to be kept High (logic level or wired to VBAT) and the Flash can be started by
setting the FTIM and the TRIG_EN through I2C (both are located in the CMD REG). There is
a delay time between the moment the Flash is triggered and when it appears. This delay is
caused by the time necessary to charge up the output capacitor, which is around 1.2 ms
depending on battery voltage and output current value. Once triggered, the flash operation
will be stopped when the Time Counter reaches zero. As soon as the Flash is finished, the
F_RUN bit is reset, the ATN pin is pulled down for 11 µs to inform the µP that the STAT_REG
has been updated and the device goes back to Ready mode. If it is necessary to make a
Flash longer than the internal timer allows or a continuous Flash, then the FTIM must be
reloaded through I2C bus every time, before the internal timer reaches zero. For example: To
get a continuous FLASH, set FTIM to 1.5 s and every 1 s reload the CMD_REG.
9.7
Multiple Flash using internal temporization
This operation has to be processed as a sequence of single flashes using internal
temporization starting from hard or soft triggering. Since the TRIG_EN bit is reset at the end
of each flash, it is necessary to reload the CMD_REG to start the next one.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com