Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STCS2A Datasheet(PDF) 10 Page - STMicroelectronics

Part # STCS2A
Description  2 A max constant current LED driver
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STCS2A Datasheet(HTML) 10 Page - STMicroelectronics

Back Button STCS2A Datasheet HTML 6Page - STMicroelectronics STCS2A Datasheet HTML 7Page - STMicroelectronics STCS2A Datasheet HTML 8Page - STMicroelectronics STCS2A Datasheet HTML 9Page - STMicroelectronics STCS2A Datasheet HTML 10Page - STMicroelectronics STCS2A Datasheet HTML 11Page - STMicroelectronics STCS2A Datasheet HTML 12Page - STMicroelectronics STCS2A Datasheet HTML 13Page - STMicroelectronics STCS2A Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
Detail description
STCS2A
10/18
7
Detail description
The STCS2A is a BiCMOS constant current source designed to provide a precise constant
current starting from a varying input voltage source. The main target is to replace discrete
components solution for driving LEDs in low voltage applications such as 5 V, 12 V or 24 V
giving benefits in terms of precision, integration and reliability.
7.1
Current setting
The current is set with an external sensing resistor connected to the FB pin. The feedback
voltage is 100 mV, then a low resistor value can be chosen reducing power dissipation. A
value between 1 mA and 2 A can be set according to the resistor value the resulting output
current has a tolerance of ± 10%.
For instance, should one need a 700 mA LEDs current, RF should be selected according to
the following equation:
RF = VFB / ILEDs = 100 mV / 700 mA = 142 mΩ
7.2
Enable
When the enable pin is low the device completely off thus reducing current consumption to
less than 1 µA. When in shutdown mode, the internal main switch is off.
7.3
PWM dimming
The PWM input allows implementing PWM dimming on the LED current; when the PWM
input is high the main switch will be on and vice versa. A typical frequency range for the
input is from few Hertz to 50 kHz. The maximum dimming frequency is limited by the
minimum rise/fall time of the current (obtained with CSLOPE=0) which is around 4 µs each.
Above 50 kHz the current waveforms starts assuming a triangular shape.
While the PWM input is switching, the overall circuitry remains on, this is needed in order to
implement two important features: short delay time and controlled slope for the current.
Since the PWM pin is controlling just the main switch, the overall circuitry is always on and it
is able to control the delay time between the PWM input signal and the output current in the
range of few µs, this is important to implement synchronization among several light LED
sources.
The rise and fall slope of the current is controlled by the CSLOPE capacitor. The rise and fall
time are linear dependent from the CSLOPE capacitor value (see graph in typical
characteristics). A controlled rise time has two main benefits: reducing EMI noise and avoid
current spike at turn on.
When CSLOPE is left floating, the internal switch is turned on at maximum speed, in this
condition an overshoot can be present on the LED current before the system goes into
regulation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com